Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5502 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments TMS320VC5502 Datasheet HTML 45Page - Texas Instruments TMS320VC5502 Datasheet HTML 46Page - Texas Instruments TMS320VC5502 Datasheet HTML 47Page - Texas Instruments TMS320VC5502 Datasheet HTML 48Page - Texas Instruments TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 195 page
background image
3.5.2
Timer Pins
TIM0_MODE
TIM0
TIM1_MODE
TIM1
Timer0
TIN
TOUT
TOUT
TIN
Timer1
WDT_MODE
NMI/WDTOUT
Watchdog
Timer
TSSR
TMS320VC5502 DSP
TOUT
TIN
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166K – APRIL 2001 – REVISED NOVEMBER 2008
www.ti.com
The interrupt signal for the Watchdog Timer can be internally connected to the RESET, INT3, or NMI
signals by setting the IWCON bit of the Timer Signal Selection Register (TSSR) appropriately (see
Figure 3-6). The DSP will be reset once the Watchdog Timer generates an interrupt if the timer interrupt is
connected to RESET (IWCON = '01'). A non-maskable interrupt will be generated if the timer interrupt is
connected to NMI (IWCON = '10'). An external interrupt will be generated when the timer interrupt signal is
connected to INT3 (IWCON = '11'), but only if the INT3 bit of IER0 is set to '1'.
Refer to Section 3.17, Interrupts, for more information on using interrupts.
The 5502 has one pin for each timer: TIM0 for Timer 0, TIM1 for Timer 1, and NMI/WDTOUT for the
Watchdog Timer. Either the output (TOUT) or input (TIN) signal can be connected to the timer pin (see
Figure 3-7). When the timer pin is configured as an output, the TOUT signal is connected to the pin. The
TIN signal is connected to the pin when the pin is configured as an input. Each pin can be configured as
input or output through the Timer Signal Selection Register (TSSR) (bits TIM0_MODE, TIM1_MODE, and
WDT_MODE).
Figure 3-7. Timer Pins
When configured as input, the timer pin can be used to source an external clock to the timer. Also, when
the timer pin is configured as input and the timer is running off an internal clock, the timer pin can be used
to start or stop count of the timer (clock gating).
When the timer pin is configured as an output, the timer pin can signal a pulse (pulse mode) or a change
of state (clock mode) when the timer count matches its period.
The NMI/WDTOUT pin has two functions: Watchdog Timer pin or NMI pin. The NMI/WDTOUT_CFG bit of
the TSSR controls the function of this pin. It is possible to configure the NMI/WDTOUT pin as NMI
(NMI/WDTOUT_CFG = '1') and also connect the Watchdog Timer TINT signal to the NMI signal
(IWCON = '10'). In this case, the external NMI signal will be overridden by the TINT signal of the
Watchdog Timer, i.e., applying a signal to the NMI/WDTOUT pin will not generate the non-maskable
interrupt NMI.
Functional Overview
46
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com