Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 5 Page - Vishay Siliconix

  116RLL Datasheet HTML 1Page - Vishay Siliconix 116RLL Datasheet HTML 2Page - Vishay Siliconix 116RLL Datasheet HTML 3Page - Vishay Siliconix 116RLL Datasheet HTML 4Page - Vishay Siliconix 116RLL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 28316
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Jun-05
139
116 RLL
Aluminum Capacitors
Radial Long Life
Vishay BCcomponents
UL LIFE
Table 3
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 10 V
UR =16to 35 V
UR = 40 to 100 V (CR ≥ 10 µF)
50
0.70
0.60
0.50
100
0.77
0.71
0.63
300
0.86
0.85
0.78
1000
0.92
0.93
0.88
3000
0.96
0.96
0.94
10 to 100 k
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
1500 hours
UR ≤ 6.3 V; ∆C/C: +15/−30%
UR > 6.3 V; ∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
2000 hours
UR ≤ 6.3 V; ∆C/C: +45/−50%
UR > 6.3 V; ∆C/C: ±45%
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1%
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
∆C/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 × spec. limit
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
lifetime multiplier
(1)
Tamb (°C)
IA
IR
CCC206
Fig.10 Multiplier of useful life as a function of ambient
temperature and ripple current load.
IA = actual ripple current at 100 kHz.
IR = rated ripple current at 100 kHz, 105 °C.
(1) Useful life at 105
°C and I
R applied: 2 000 hours.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com