Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 4 Page - Vishay Siliconix

  116RLL Datasheet HTML 1Page - Vishay Siliconix 116RLL Datasheet HTML 2Page - Vishay Siliconix 116RLL Datasheet HTML 3Page - Vishay Siliconix 116RLL Datasheet HTML 4Page - Vishay Siliconix 116RLL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28316
138
Revision: 17-Jun-05
116 RLL
Vishay BCcomponents
Aluminum Capacitors
Radial Long Life
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.3 UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
after 1 minute at UR
IL1 ≤ 0.006 CR × UR +3 µA
after 5 minutes at UR
IL5 ≤ 0.001 CR × UR +3 µA
Inductance
Equivalent series inductance (ESL)
case
∅D × L=5 × 11 mm
typ. 13 nH
case
∅D × L=8.2 × 11 mm
typ. 16 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δ
max and CR (see Table 2)
ESR = tan
δ / 2πfC
R
CAPACITANCE (C)
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature.
020
60
40
40
60
80
Tamb ( C)
o
0.6
0.7
0.8
0.9
1.0
1.1
100
20
120
C
0
C
1
2
3
4
1
2
3
4
Curve1: 6.3V.
Curve 2: 10 V; 16 V.
Curve 3: 35 V; 40 V; 63 V; 100 V.
Curve 4: 50 V.
C0 = capacitance at 20 °C, 100 Hz.
10 5
10 4
10 3
10 2
10
f (Hz)
0.7
0.8
0.9
1.0
C
0
C
2
1
3
4
6
5
7
7
1
Fig.7 Typical multiplier of capacitance as a
function of frequency.
Curve1:50V (
≤2.2 µF).
Curve2:50V (
>2.2 µF).
Curve3:50V (
≥15 µF).
Curve4:35V;40 V; 63 V; 100 V.
Curve5:25V.
Curve6:16V.
Curve 7: 6.3 V; 10 V.
C0 = capacitance at 20 °C, 100 Hz.
Tamb =20 °C.
IMPEDANCE (Z)
R
IP
P
L
E
C
U
R
R
E
N
T
A
N
D
U
S
E
F
10 6
10 5
10 4
10 3
10 2
f (Hz)
10 3
10
1
10 2
Z
( )
1
2
3
5
4
6
7
9
8
10
11
12
13
15
14
Curve 1: 0.47
µF.
Curve 2: 1.0
µF.
Curve 3: 1.5
µF.
Curve 4: 2.2
µF.
Curve 5: 3.3
µF.
Curve 6: 4.7
µF.
Curve 7: 6.8
µ.F
Curve 8: 10
µF.
Curve 9: 15
µF.
Curve 10: 22
µF.
Case
∅D × L=5 × 11 mm.
Fig.8 Typical impedance as a function of frequency.
Tamb =20 °C.
6
5
4
3
10
10
10
10
10 3
10 2
10
1
10
1
f (Hz)
Z
( )
2
10
2
1
3
4
6
5
7
8
10
9
11
12
13
Curve 1: 2.2
µF.
Curve 2: 4.7
µF.
Curve 3: 10
µF, 100 V.
Curve 4: 10
µF, 50 V.
Curve 5: 22
µF, 50 V.
Curve 6: 33
µF.
Curve 7: 47
µF.
Curve 8: 68
µF.
Curve 9: 100
µF.
Case
∅D × L= 8.2 × 11 mm.
Fig.9 Typical impedance as a function of frequency.
Tamb =20 °C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com