Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 1 Page - Vishay Siliconix

  116RLL Datasheet HTML 1Page - Vishay Siliconix 116RLL Datasheet HTML 2Page - Vishay Siliconix 116RLL Datasheet HTML 3Page - Vishay Siliconix 116RLL Datasheet HTML 4Page - Vishay Siliconix 116RLL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
116 RLL
Vishay BCcomponents
Document Number: 28316
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Jun-05
135
Aluminum Capacitors
Radial Long Life
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
all-insulated (light blue)
• Natural pitch 2.5 mm and 5 mm
• Charge and discharge proof
• Miniaturized, high CV-product per unit volume
• Long useful life: 2000 hours at 105 °C, high reliability
• Lead (Pb)-free versions are RoHS compliant.
APPLICATIONS
• Automotive, telecommunication, industrial and EDP
• Stand-by applications in audio and video equipment
• Coupling, decoupling, timing; smoothing, filtering and
buffering in DC-DC converters
• Portable and mobile equipment (small size, low mass).
MARKING
The capacitors are marked (where possible)
with the following information:
• Rated capacitance (in µF).
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ±20%).
• Rated voltage (in V).
• Date code in accordance with IEC 60062.
• Code indicating factory of origin.
• Name of manufacturer.
• Minus-sign on top to identify the negative terminal.
• Series number (116).
Fig.1 Component outline.
116
RLL
105
°C
036 RSP
85
°C
048 RML
higher
CV-values
148 RUS
miniaturized
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal Case sizes (
∅D × L in mm)
5
× 11 and 8.2 × 11
Rated capacitance range, CR
0.47 to 470
µF
Tolerance on CR
±20%
Rated voltage range, UR
6.3 to 100 V
Category temperature range
−55 to +105 °C
Endurance test at 105
°C
1500 hours
Endurance test at 85
°C
5000 hours
Useful life at 105
°C
2000 hours
Useful life at 40
°C, 1.3 × I
R applied
200000 hours
Shelf life at 0 V, 105
°C
1500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (ØD x L in mm)
CR
(
µF)
UR (V)
6.3
10
162535405063
100
0.47
−−−−−−
5
× 11
−−
1.0
−−−−−−
5
× 11
−−
1.5
−−−−−−
5
× 11
−−
2.2
−−−−−−
5
× 11
8.2
× 11
3.3
−−−−−−
5
× 11
−−
4.7
−−−−−−
5
× 11
8.2
× 11
6.8
−−−−−−
5
× 11
−−
10
−−−−−−
5
× 11
8.2
× 11
8.2
× 11
−−−−−−
8.2
× 11
−−
15
−−−−−−
5
× 11
−−
22
−−−−−−
5
× 11
8.2
× 11
−−−−−−
8.2
× 11
−−
33
−−−−
5
× 11
5
× 11
8.2
× 11
−−
47
−−−
5
× 11
−−
8.2
× 11
−−
68
−−
5
× 11
−−−
8.2
× 11
−−
100
5
× 11
−−
8.2
× 11
8.2
× 11
−−−
150
5
× 11
−−
8.2
× 11
−−−−−
220
−−
8.2
× 11
−−−−−−
330
8.2
× 11
−−−−−−−
470
8.2
× 11
−−−−−−−−
Available
Pb-free
RoHS
COMPLIANT


Similar Part No. - 116RLL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
116RLL VISHAY-116RLL Datasheet
113Kb / 6P
Aluminum Electrolytic Capacitors
15-Jul-16
116RLL VISHAY-116RLL Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
Aluminum Capacitors Radial Long Life
14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
More results

Similar Description - 116RLL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
Aluminum Capacitors Radial Long-Life, High Voltage
04-Nov-03
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
Aluminum Capacitors Radial, Standard Long-Life
19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
Aluminum Capacitors Radial Miniature Long Life
05-May-08
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
Aluminum Capacitors Radial Long Life
14-Oct-08
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Long-Life, High Voltage
27-May-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
Aluminum Capacitors Radial Long Life
26-Apr-13
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
Aluminum Capacitors Radial Long-Life, High Voltage
31-Jul-12
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
Aluminum Electrolytic Capacitors Radial Long Life
15-Jul-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com