Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116RLL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 3 Page - Vishay Siliconix

  116RLL Datasheet HTML 1Page - Vishay Siliconix 116RLL Datasheet HTML 2Page - Vishay Siliconix 116RLL Datasheet HTML 3Page - Vishay Siliconix 116RLL Datasheet HTML 4Page - Vishay Siliconix 116RLL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 28316
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Jun-05
137
116 RLL
Aluminum Capacitors
Radial Long Life
Vishay BCcomponents
Note
1. Unless otherwise specified, all electrical values in Table 2 apply
at Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75%.
ORDERING EXAMPLE*
Electrolytic capacitor 116 series
220
µF/16 V; ±20%
Nominal case size:
∅8.2 × 11 mm; Form TFA
Catalog number: 2222 116 35221
*Note: For ordering lead (Pb)-free parts, please contact your
Vishay sales agent.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance
±20%
IR
rated RMS ripple current at 100 kHz, 105
°C
IL1
max. leakage current after 1 minute at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz and 20
°C
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
IR
100 kHz
105
°C
(mA)
IL1
1min
(
µA)
Tan
δ
100 Hz
Z
100 kHz
(
Ω)
CATALOG NUMBER 2222 116 .....
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F (mm)
6.3
150
5
× 11
130
8.7
0.25
1.3
53151
2.5
−−
33151
5.0
73151
2.5
470
8.2
× 11
300
21
0.25
0.45
53471
5.0
63471
5.0
33471
5.0
−−
10
100
5
× 11
130
9
0.2
1.4
54101
2.5
−−
34101
5.0
74101
2.5
330
8.2
× 11
280
23
0.2
0.45
54331
5.0
64331
5.0
34331
5.0
−−
16
68
5
× 11
130
9.5
0.16
1.5
55689
2.5
−−
35689
5.0
75689
2.5
220
8.2
× 11
280
24
0.16
0.5
55221
5.0
65221
5.0
35221
5.0
−−
25
47
5
× 11
120
10
0.14
1.6
56479
2.5
−−
36479
5.0
76479
2.5
150
8.2
× 11
260
26
0.14
0.5
56151
5.0
66151
5.0
36151
5.0
−−
35
33
5
× 11
110
9.9
0.12
1.7
50339
2.5
−−
30339
5.0
70339
2.5
100
8.2
× 11
240
24
0.12
0.55
50101
5.0
60101
5.0
30101
5.0
−−
40
33
5
× 11
110
10.9
0.12
1.7
57339
2.5
−−
37339
5.0
77339
2.5
100
8.2
× 11
240
27
0.12
0.55
57101
5.0
67101
5.0
37101
5.0
−−
50
0.47
5
× 11
30
3.1
0.09
10
51477
2.5
−
5.0
31477
5.0
71477
2.5
1.0
5
× 11
40
3.3
0.09
6
51108
2.5
−
5.0
31108
5.0
71108
2.5
1.5
5
× 11
50
3.5
0.09
4
51158
2.5
−
5.0
31158
5.0
71158
2.5
2.2
5
× 11
60
3.7
0.09
3.5
51228
2.5
−
5.0
31228
5.0
71228
2.5
3.3
5
× 11
65
4
0.09
3.1
51338
2.5
−
5.0
31338
5.0
71338
2.5
4.7
5
× 11
70
4.4
0.09
2.8
51478
2.5
−
5.0
31478
5.0
71478
2.5
6.8
5
× 11
75
5
0.09
2.5
51688
2.5
−
5.0
31688
5.0
71688
2.5
10
5
× 11
80
6
0.09
2.2
51109
2.5
−
5.0
31109
5.0
71109
2.5
10
8.2
× 11
160
6
0.05
1.0
90084
5.0
90085
5.0
90036
5.0
−−
15
5
× 11
90
7.5
0.09
2.0
51159
2.5
−
5.0
31159
5.0
71159
2.5
22
5
× 11
110
9.6
0.09
1.9
51229
2.5
−
5.0
31229
5.0
71229
2.5
22
8.2
× 11
190
9.6
0.06
0.9
90025
5.0
90086
5.0
90039
5.0
−−
33
8.2
× 11
190
13
0.09
0.77
51339
5.0
61339
5.0
31339
5.0
−−
47
8.2
× 11
210
17
0.09
0.65
51479
5.0
61479
5.0
31479
5.0
−−
68
8.2
× 11
240
23
0.09
0.55
51689
5.0
61689
5.0
31689
5.0
−−
63
10
8.2
× 11
160
7
0.06
1.3
58109
5.0
68109
5.0
38109
5.0
−−
22
8.2
× 11
190
11
0.06
0.9
58229
5.0
68229
5.0
38229
5.0
−−
100
2.2
8.2
× 11
60
4.3
0.06
4
59228
5.0
69228
5.0
39228
5.0
−−
4.7
8.2
× 11
75
5.8
0.07
3.5
59478
5.0
69478
5.0
39478
5.0
−−
10
8.2
× 11
100
9
0.08
3
59109
5.0
69109
5.0
39109
5.0
−−



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com