Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75620-EST Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 20Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 21Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 22Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 23Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 24Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 25Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 26Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 27Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
Datasheet
24
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
6.1.1
Power-up
The Power-up condition is satisfied when one of the supply voltages (VS or VDD) is applied to the device and the
INn or IDLE pins are set to “high”. If VS is above the threshold VS(OP) or if VDD is above the threshold VDD(LOP) the
internal power-on signal is set.
6.1.2
Sleep mode
When TLE75620-EST is in Sleep mode, all outputs are OFF and the SPI registers are reset, independently from
the supply voltages. The current consumption is minimum. See parameters IVDD(SLEEP) and IVS(SLEEP), or
parameter ISLEEP for the whole device.
6.1.3
Idle mode
In Idle mode, the current consumption of the device can reach the limits given by parameters IVDD(IDLE) and
IVS(IDLE), or by parameter IIDLE for the whole device. The internal voltage regulator is working. Diagnosis
functions are not available. The output channels are switched OFF, independently from the supply voltages.
When VDD is available, the SPI registers are working and SPI communication is possible. In Idle mode the ERRn
bits are not cleared for functional safety reasons.
6.1.4
Active mode
Active mode is the normal operation mode of TLE75620-EST when no Limp Home condition is set and it is
necessary to drive some or all loads. Voltage levels of VDD and VS influence the behavior as described at the
beginning of Chapter 6. Device current consumption is specified with IVDD(ACTIVE) and IVS(ACTIVE) (IACTIVE for the
whole device). The device enters Active mode when IDLE pin is set to “high” and one of the input pins is set to
“high” or one OUT.OUTn bit is set to “1”. If HWCR.ACT is set to “0”, the device returns to Idle mode as soon as
all inputs pins are set to “low” and OUT.OUTn bits are set to “0”. If HWCR.ACT is set to “1”, the device remains
in Active mode independently of the status of input pins and OUT.OUTn bits. An undervoltage condition on
VDD supply brings the device into Idle mode, if all input pins are set to “low”. Even if the registers MAPIN0 and
MAPIN1 are both set to “00H” but one of the input pins INn is set to “high”, the device goes into Active mode.
6.1.5
Limp Home mode
TLE75620-EST enters Limp Home mode when IDLE pin is “low” and one of the input pins is set to “high”,
switching ON the channel connected to it. SPI communication is possible but only in read-only mode (SPI
registers can be read but cannot be written). More in detail:
• UVRVS and LOPVDD are set to “1”
• MODE bits are set to “01B” (Limp Home mode)
• TER bit is set to “1” on the first SPI command after entering Limp Home mode. Afterwards it works
normally
• OLON and OLOFF bits is set to “0”
• ERRn bits work normally
• DIAG_OSM.OUTn bits can be read and work normally
• All other registers are set to their default value and cannot be programmed as long as the device is in Limp
Home mode
See Table 6 for a detailed overview of supply voltage conditions required to switch ON channels 2 and 3 during
Limp Home. All other channels are OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com