Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75620-EST Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 22Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 23Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 24Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 25Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 26Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 27Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 28Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 29Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
Datasheet
26
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Power Supply
in Table 6. Figure 15 sketches the undervoltage behavior (the “VS - VDS” line refers to a channel which is
programmed to be ON).
Figure 15 VS Undervoltage Behavior
6.2.2
Low Operating Power on VDD
When VDD supply voltage is in the range indicated by VDD(LOP), the bit LOPVDD is set to “1”. As soon as VDD >
VDD(LOP) the bit LOPVDD is set to “0” after the first Standard Diagnosis readout.
If VDD supply voltage is not present, a voltage applied to pins CSN or SO can supply the internal logic (not
recommended in normal operation due to internal design limitations).
Supply_UVRVS.emf
t
VS(OP)
VS(UV)
1
UVRVS
0
1
t
VS(HYS)
t
VS - VDS
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com