Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75620-EST Datasheet(PDF) 50 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 46Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 47Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 48Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 49Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 50Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 51Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 52Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 53Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
Datasheet
50
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
Diagnosis
Figure 27 Output Status Monitor - concept (High-Side channels)
In Standard Diagnosis the bit OLOFF represents the OR combination of all DIAG_OSM.OUTn bits for all
channels in OFF state which have the corresponding current source IOLactivated.
9.3
Open Load at ON
Each auto-configurable channel (when used as high-side switch) and each high-side channel has the
possibility of Open Load at ON diagnosis, which can be controlled programming DIAG_OLONEN.MUX bits. By
default after a reset Open Load at ON diagnosis is not active. The device compares IL_Sn with IL(OL) and sets the
DIAG_OLON.OUTn accordingly:
• IL_Sn < IL(OL) → DIAG_OLON.OUTn = “1” if VOUTn_S > VOUT_S(OL)
9.3.1
Open Load at ON - direct channel diagnosis
When DIAG_OLONEN.MUX bits are programmed with a value corresponding to a channel (0000B → 0111B), the
internal multiplexer checks for Open Load at ON condition on the selected channel. It is recommended that
the channel is ON for at least tON before activating the diagnosis. After a time tOLONSET the corresponding
DIAG_OLON.OUTn bit for the selected channel is available. All the other bits in the DIAG_OLON register are
set to default (“0B”). The bits are updated every time the register is read.
When a channel is selected, the corresponding DIAG_OLON.OUTn bit content is mirrored also in the Standard
Diagnosis (bit OLON). In case of several register readouts in sequence the register content is updated at every
read request from micro-controller. See Figure 28 for further details.
OutStatMon_HS.emf
High-side
Channel
GND
VS
VOUTn
VSn
OUTn
VDS
ROL
I
OL
IOL
VOUT(OL)
DIAG_OSM.OUTn
VOUT > VOUT(OL)
DIAG_OSM.OUTn = „1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com