Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75620-EST Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE75620-EST
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75620-EST Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE75620-EST Datasheet HTML 7Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 8Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 9Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 10Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 11Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 12Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 13Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 14Page - Infineon Technologies AG TLE75620-EST Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
Datasheet
11
Rev. 1.0
2017-11-23
TLE75620-EST
SPIDER+ 12V
General Product Characteristics
Maximum energy dissipation
repetitive pulses - IL(EAR)
EAR
––
10
mJ
4)
TJ(0) = 85 °C
IL(0) = IL(EAR)
2*106 cycles
P_4.1.15
IDLE pin
Voltage at IDLE pin
VIDLE
-0.3
5.5
V
–
P_4.1.23
Current through IDLE pin
IIDLE
-0.75
0.75
mA
–
P_4.1.25
Current through IDLE pin
IIDLE
-10.0
2.0
mA
t ≤ 2min.
P_4.1.26
Input Pins
Voltage at input pins
VIN
-0.3
5.5
V
–
P_4.1.28
Current through input pins
IIN
-0.75
0.75
mA
–
P_4.1.30
Current through input pins
IIN
-10.0
2.0
mA
t ≤ 2min.
P_4.1.31
SPI Pins
Voltage at chip select pin
VCSN
-0.3
5.5
V
–
P_4.1.33
Current through chip select pin ICSN
-0.75
0.75
mA
–
P_4.1.34
Current through chip select pin ICSN
-10.0
2.0
mA
t ≤ 2min.
P_4.1.35
Voltage at serial clock pin
VSCLK
-0.3
5.5
V
P_4.1.37
Current through serial clock pin ISCLK
-0.75
0.75
mA
–
P_4.1.38
Current through serial clock pin ISCLK
-10.0
2.0
mA
t ≤ 2min.
P_4.1.39
Voltage at serial input pin
VSI
-0.3
5.5
V
P_4.1.41
Current through serial input pin ISI
-0.75
0.75
mA
–
P_4.1.42
Current through serial input pin ISI
-10.0
2.0
mA
t ≤ 2min.
P_4.1.43
Voltage at serial output pin SO VSO
-0.3
VDD+0.3 V
P_4.1.58
Current through serial output
pin SO
ISO
-0.75
0.75
mA
P_4.1.45
Current through serial output
pin SO
ISO
-2.0
10.0
mA
t ≤ 2min.
P_4.1.46
Temperatures
Junction Temperature
TJ
-40
–
150
°C
–
P_4.1.48
Storage Temperature
Tstg
-55
–
150
°C
–
P_4.1.49
ESD Susceptibility
ESD Susceptibility HBM
OUT pins vs. VS or GND
VESD
-4
–
4
kV
5)
HBM
P_4.1.50
ESD Susceptibility HBM
other pins
VESD
-2
–
2
kV
5)
HBM
P_4.1.51
Table 2
Absolute Maximum Ratings (cont’d)1)
TJ = -40 °C to +150 °C
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com