Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2181S06F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 3 Page - Infineon Technologies AG

  2ED2181S06F Datasheet HTML 1Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Datasheet
3 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650V high-side and low-side driver with integrated bootstrap diode
1
Table of contents
Product summary ........................................................................................................................................................1
Product validation .......................................................................................................................................................1
Description…………………..…………..………………………………………………………………………………….2
1
Table of contents ................................................................................................................... 3
2
Block diagram........................................................................................................................ 4
3
Pin configuration and functionality.......................................................................................... 5
3.1
Pin configuration.....................................................................................................................................5
3.2
Pin functionality ......................................................................................................................................5
4
Electrical parameters ............................................................................................................. 6
4.1
Absolute maximum ratings.....................................................................................................................6
4.2
Recommended operating conditions.....................................................................................................6
4.3
Static electrical characteristics...............................................................................................................7
4.4
Dynamic electrical characteristics..........................................................................................................8
5
Application information and additional details.......................................................................... 9
5.1
IGBT / MOSFET gate drive .......................................................................................................................9
5.2
Switching and timing relationships........................................................................................................9
5.3
Matched propagation delays ................................................................................................................10
5.4
Input logic compatibility.......................................................................................................................10
5.5
Undervoltage lockout ...........................................................................................................................11
5.6
Bootstrap diode.....................................................................................................................................11
5.7
Calculating the bootstrap capacitance CBS ..........................................................................................12
5.8
Tolerant to negative tranisents on input pins......................................................................................13
5.9
Negative voltage transient tolerance of VS pin....................................................................................14
5.10
NTSOA – Negative Transient Safe Operating Area...............................................................................15
5.11
Higher headroom for input to output signal transmission with logic operation upto -11 V..............16
5.12
Maximum switching frequency.............................................................................................................16
5.13
PCB layout tips ......................................................................................................................................18
6
Qualification information.......................................................................................................19
7
Related products...................................................................................................................19
8
Package details.....................................................................................................................20
9
Part marking information ......................................................................................................21
10
Additional documentation and resources.................................................................................22
10.1
Infineon online forum resources ..........................................................................................................22
11
Revision history ....................................................................................................................23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com