Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2181S06F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 10Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 11Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 12Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 13Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Datasheet
10 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
5.3
Matched propagation delays
The 2ED2181 (4) S06F (J) is designed with propagation delay matching circuitry. With this feature, the IC’s
response at the output to a signal at the input requires approximately the same time duration (i.e., tON, tOFF) for
both the low-side channels and the high-side channels; the maximum difference is specified by the delay
matching parameter (MT). The propagation turn-on delay (tON) of the 2ED2181 (4) S06F (J) is matched to the
propagation turn-on delay (tOFF).
Figure 8
Delay matching waveform definition
5.4
Input logic compatibility
The input pins of are based on a TTL and CMOS compatible input-threshold logic that is independent of the Vcc
supply voltage. With typical high threshold (VIH) of 2.1 V and typical low threshold (VIL) of 0.9 V, along with very
little temperature variation as summarized in Figure 9, the input pins are conveniently driven with logic level
PWM control signals derived from 3.3 V and 5 V digital power-controller devices. Wider hysteresis (typically
0.9
V) offers enhanced noise immunity compared to traditional TTL logic implementations, where the hysteresis is
typically less than 0.5 V. 2ED218x family also features tight control of the input pin threshold voltage levels which
eases system design considerations and ensures stable operation across temperature. The 2ED218x features
floating input protection wherein if any of the input pin is left floating, the output of the corresponding stage is
held in the low state. This is achieved using pull-down resistors on all the input pins (HIN, LIN) as shown in the
block diagram. The 2ED218x family has input pins that are capable of sustaining voltages higher than the bias
voltage applied on the Vcc pin of the device.
Figure 9
HIN & LIN input thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com