Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2181S06F Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 5 Page - Infineon Technologies AG

  2ED2181S06F Datasheet HTML 1Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Datasheet
5 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
3
Pin configuration and functionality
3.1
Pin configuration
8
7
6
5
LIN
VCC
1
2
3
4
HO
LO
HIN
COM
VS
VB
8-Lead DSO-8 (150 mil)
14-Lead DSO-14 (150 mil)
2ED2181S06F
2ED21814S06J
Figure 3
2ED2181(4)S06F(J) pin assignments (top view)
3.2
Pin functionality
Table 2
Symbol
Description
HIN
Logic input for high side gate driver output (HO), in phase with HO
LIN
Logic input for low side gate driver output (LO), in phase with LO
VSS
Logic ground ( 2ED21814S06J only)
COM
Low-side gate drive return
LO
Low-side driver output
VCC
Low-side and logic supply voltage
VS
High voltage floating supply return
HO
High-side driver output
VB
High-side gate drive floating supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com