Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2181S06F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Datasheet
6 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
4
Electrical parameters
4.1
Absolute maximum ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM unless otherwise stated in the table. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
Table 3
Absolute maximum ratings
Note 1: In case VCC > VB there is an additional power dissipation in the internal bootstrap diode between pins VCC and VB in case of
activated bootstrap diode.
4.2
Recommended operating conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters
are absolute voltages referenced to COM unless otherwise stated in the table. The offset rating is tested with
supplies of (VCC– COM) = (VB– VS) = 15 V.
Table 4
Recommended operating conditions
Note 2: Logic operation for VS of – 11 V to +650 V.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating well supply voltage Note1
VCC
– 5
675
V
VS
High-side floating well supply return voltage
VCC – VBS– 5
650
VHO
Floating gate drive output voltage
VS– 0.5
VB+ 0.5
VCC
Low side supply voltage
-1
25
VLO
Low-side output voltage
–0.5
VCC+ 0.5
VIN
Logic input voltage (HIN & LIN)
-5/ (VSS – 5)
VCC + 0.5
Vss
Logic ground (2ED21814S06J only)
VCC– 25
VCC+ 0.5
dVS/dt
Allowable VS offset supply transient relative to COM
—
50
V/ns
PD
Package power dissipation
@ TA ≤+25ºC
8-Lead DSO-8
14-Lead DSO-14
—
0.625
W
—
1
RthJA
Thermal resistance, junction
to ambient
8-Lead DSO-8
14-Lead DSO-14
—
200
ºC/W
—
120
TJ
Junction temperature
—
150
ºC
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Symbol
Definition
Min
Max
Units
VB
Bootstrap voltage
VS + 10
VS+ 20
V
VBS
High-side floating well supply voltage
10
20
VS
High-side floating well supply offset voltageNote2
VCC– VBS– 1
650
VHO
Floating gate drive output voltage
VS
VB
VCC
Low-side supply voltage
10
20
VLO
Low-side output voltage
COM
VCC
VIN
Logic input voltage(HIN & LIN)
-4 / (VSS – 4)
5 / (VSS + 5)
VSS
Logic ground (2ED21814S06J only) with respect to
COM
-5
+5
TA
Ambient temperature
-40
125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com