Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 3Page - Texas Instruments OPA861IDBVT Datasheet HTML 4Page - Texas Instruments OPA861IDBVT Datasheet HTML 5Page - Texas Instruments OPA861IDBVT Datasheet HTML 6Page - Texas Instruments OPA861IDBVT Datasheet HTML 7Page - Texas Instruments OPA861IDBVT Datasheet HTML 8Page - Texas Instruments OPA861IDBVT Datasheet HTML 9Page - Texas Instruments OPA861IDBVT Datasheet HTML 10Page - Texas Instruments OPA861IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V
1000
100
10
Frequency (Hz)
1M
10M
100M
1G
R
L = 50Ω
V
IN = 10mVPP
I
Q = 6.5mA (117mA/V)
I
Q = 5.4mA (102mA/V)
I
Q = 3.4mA (79mA/V)
I
Q = 1.9mA (51mA/V)
I
O UT
V
I N
50
Ω
50
Ω
150
120
90
60
30
0
Quiescent Current (mA)
6
7
8
9
10
11
12
13
I
OUT
V
IN
50
Ω
50
Ω
V
IN = 100mVPP
160
140
120
100
80
60
40
20
0
Input Voltage (mV)
−40
−30
−20
−10
0
10
20
30
40
I
Q = 6.5mA
I
Q = 5.4mA
I
Q = 3.4mA
I
Q = 1.9mA
Small signal around input voltage.
8
6
4
2
0
−2
−4
−6
−8
OTA Input Voltage (mV)
−70 −60 −50 −40 −30 −20 −10 0
10
20
30
40
50
60
70
I
Q = 6.5mA
I
Q = 5.4mA
I
Q = 3.4mA
I
Q = 1.9mA
I
OUT
V
IN
50
Ω
50
Ω
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
Time (10ns/div)
G = +5V/V
R
L = 500Ω
V
IN = 0.25VPP
f
IN = 20MHz
See Figure 48
3
2
1
0
−1
−2
−3
Time (10ns/div)
G = +5V/V
R
L = 500Ω
V
IN = 1VPP
f
IN = 20MHz
See Figure 48
OPA861
SBOS338 – AUGUST 2005
At T
A = +25°C, IQ = 5.4mA, and RL = 500Ω, unless otherwise noted.
OTA TRANSCONDUCTANCE vs FREQUENCY
OTA TRANSCONDUCTANCE vs QUIESCENT CURRENT
Figure 1.
Figure 2.
OTA TRANSCONDUCTANCE vs INPUT VOLTAGE
OTA TRANSFER CHARACTERISTICS
Figure 3.
Figure 4.
OTA SMALL-SIGNAL PULSE RESPONSE
OTA LARGE-SIGNAL PULSE RESPONSE
Figure 5.
Figure 6.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com