Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA861IDBVT Datasheet HTML 9Page - Texas Instruments OPA861IDBVT Datasheet HTML 10Page - Texas Instruments OPA861IDBVT Datasheet HTML 11Page - Texas Instruments OPA861IDBVT Datasheet HTML 12Page - Texas Instruments OPA861IDBVT Datasheet HTML 13Page - Texas Instruments OPA861IDBVT Datasheet HTML 14Page - Texas Instruments OPA861IDBVT Datasheet HTML 15Page - Texas Instruments OPA861IDBVT Datasheet HTML 16Page - Texas Instruments OPA861IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
QUIESCENT CURRENT CONTROL PIN
BASIC APPLICATIONS CIRCUITS
Common-E Amplifier or Forward Amplifier
G +
R
L
1
gm ) RE
(1)
R
1
1.25k
Ω
TLV2262
OPA861
1/2 REF200
100
µA
R
2
425
Ω
V+
I
Q Adjust
1 I
1
OPA861
SBOS338 – AUGUST 2005
With this control loop, quiescent current will be nearly
constant with temperature. Since this method differs
The
quiescent
current
of
the
transconductance
from the temperature-dependent behavior of the
portion of the OPA861 is set with a resistor, RADJ,
internal current source, other temperature-dependent
connected from pin 1 to –VS. The maximum quiesc-
behavior may differ from that shown in the Typical
ent current is 6mA. RADJ should be set between 50Ω
Characteristics. The circuit of Figure 28 will control
and 1k
Ω for optimal performance of the OTA section.
the IQ of the OPA861 somewhat more accurately than
This range corresponds to the 5mA quiescent current
with a fixed external resistor, RQ. Otherwise, there is
for RADJ = 50Ω, and 1mA for RADJ = 1kΩ. If the IQ
no fundamental advantage to using this more com-
adjust pin is connected to the negative supply, the
plex biasing circuitry. It does, however, demonstrate
quiescent current will be set by the 250
Ω internal
the possibility of signal-controlled quiescent current.
resistor.
This capability may suggest other possibilities such
as AGC, dynamic control of AC behavior, or VCO.
Reducing or increasing the quiescent current for the
OTA section controls the bandwidth and AC behavior
as well as the transconductance. With RADJ = 250Ω,
this sets approximately 5.4mA total quiescent current
Most applications circuits for the OTA section consist
at 25
°C. It may be appropriate in some applications to
of a few basic types, which are best understood by
trim this resistor to achieve the desired quiescent
analogy to a transistor. Used in voltage-mode, the
current or AC performance.
OTA section can operate in three basic operating
Applications circuits generally do not show the
states—common emitter, common base, and com-
resistor RQ, but it is required for proper operation.
mon collector. In the current-mode, the OTA can be
useful for analog computation such as current ampli-
With a fixed RADJ resistor, quiescent current in-
fier, current differentiator, current integrator, and cur-
creases with temperature (see Figure 11 in the
rent summer.
Typical Characteristics section). This variation of
current with temperature holds the transconductance,
gm, of the OTA relatively constant with temperature
(another advantage over a transistor).
Figure 29 compares the common-emitter configur-
ation for a BJT with the common-E amplifier for the
It is also possible to vary the quiescent current with a
OTA section. There are several advantages in using
control signal. The control loop in Figure 28 shows
the OTA section in place of a BJT in this configur-
1/2 of a REF200 current source used to develop
ation. Notably, the OTA does not require any biasing,
100mV on R1. The loop forces 125mV to appear on
and the transconductance gain remains constant over
R2. Total quiescent current of the OPA861 is approxi-
temperature. The output offset voltage is close to 0,
mately 37
× I
1, where I1 is the current made to flow
compared with several volts for the common-emitter
out of pin 1.
amplifier.
The gain is set in a similar manner as for the BJT
equivalent with Equation 1:
Just as transistor circuits often use emitter degener-
ation, OTA circuits may also use degeneration. This
option can be used to reduce the effects that offset
voltage and offset current might otherwise have on
the
DC
operating
point
of
the
OTA.
The
E-degeneration resistor may be bypassed with a
large capacitor to maintain high AC gain. Other
circumstances may suggest a smaller value capacitor
used to extend or optimize high-frequency perform-
ance.
Figure 28. Optional Control Loop for Setting
Quiescent Current
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com