Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA861IDBVT Datasheet HTML 1Page - Texas Instruments OPA861IDBVT Datasheet HTML 2Page - Texas Instruments OPA861IDBVT Datasheet HTML 3Page - Texas Instruments OPA861IDBVT Datasheet HTML 4Page - Texas Instruments OPA861IDBVT Datasheet HTML 5Page - Texas Instruments OPA861IDBVT Datasheet HTML 6Page - Texas Instruments OPA861IDBVT Datasheet HTML 7Page - Texas Instruments OPA861IDBVT Datasheet HTML 8Page - Texas Instruments OPA861IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
1
2
3
4
8
7
6
5
I
Q Adjust
E
B
V
− = −5V
C
V+ = +5V
NC
NC
SO−8
Top View
1
2
3
6
5
4
I
Q Adjust
−V
S
B
+V
S
C
E
SOT23−6
OPA861
SBOS338 – AUGUST 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA861ID
Rails, 75
OPA861
SO-8
D
–45
°C to +85°C
OPA861
OPA861IDR
Tape and Reel, 2500
OPA861IDBVT
Tape and Reel, 250
OPA861
SOT23-6
DBV
–45
°C to +85°C
N5R
OPA861IDBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supply
±6.5V
DC
Internal Power Dissipation
See Thermal Information
Differential Input Voltage
±1.2V
Input Common-Mode Voltage Range
±V
S
Storage Temperature Range: D
–40
°C to +125°C
Lead Temperature (soldering, 10s)
+260
°C
Junction Temperature (TJ)
+150°C
ESD Rating:
Human Body Model (HBM)(2)
1500V
Charge Device Model (CDM)
1000V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operations of the device at these and any other conditions
beyond those specified is not supported.
(2)
Pin 2 for the SO-8 package > 500V HBM. Pin 4 for the SOT23-6 package > 500V HBM.
PIN CONFIGURATION
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com