Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA861IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA861IDBVT Datasheet HTML 1Page - Texas Instruments OPA861IDBVT Datasheet HTML 2Page - Texas Instruments OPA861IDBVT Datasheet HTML 3Page - Texas Instruments OPA861IDBVT Datasheet HTML 4Page - Texas Instruments OPA861IDBVT Datasheet HTML 5Page - Texas Instruments OPA861IDBVT Datasheet HTML 6Page - Texas Instruments OPA861IDBVT Datasheet HTML 7Page - Texas Instruments OPA861IDBVT Datasheet HTML 8Page - Texas Instruments OPA861IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
0
−10
−20
−30
−40
−50
−60
−70
−80
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
C
1
C
2
V
IN
R
R
V
OUT
Low−Pass Negative Impedance Converter (NIC) Filter
Frequency Response of 20kHz and 10MHz
Low−Pass NIC Filters
20kHz
Low−Pass Filter
10MHz
Low−Pass Filter
OPA861
SBOS338 – AUGUST 2005
Wide Bandwidth
OPERATIONAL TRANSCONDUCTANCE
AMPLIFIER (OTA)
•
Wide Bandwidth (80MHz, Open-Loop, G = +5)
The OPA861 is a versatile monolithic component
designed for wide-bandwidth systems, including high
•
High Slew Rate (900V/µs)
performance video, RF and IF circuitry. The OPA861
•
High Transconductance (95mA/V)
is a wideband, bipolar operational transconductance
•
External IQ-Control
amplifier (OTA).
•
Low Quiescent Current (5.4mA)
The OTA or voltage-controlled current source can be
viewed as an ideal transistor. Like a transistor, it has
three terminals—a high impedance input (base), a
•
Video/Broadcast Equipment
low-impedance input/output (emitter), and the current
output
(collector).
The
OPA861,
however,
is
•
Communications Equipment
self-biased and bipolar. The output collector current is
•
High-Speed Data Acquisition
zero for a zero base-emitter voltage. AC inputs
•
Wideband LED Drivers
centered about zero produce an output current, which
•
Control Loop Amplifiers
is
bipolar
and
centered
about
zero.
The
•
Wideband Active Filters
transconductance of the OPA861 can be adjusted
with an external resistor, allowing bandwidth, quiesc-
•
Line Drivers
ent current, and gain trade-offs to be optimized.
Used as a basic building block, the OPA861 sim-
plifies the design of AGC amplifiers, LED driver
circuits for fiber optic transmission, integrators for fast
pulses, fast control loop amplifiers and control ampli-
fiers for capacitive sensors and active filters. The
OPA861 is available in SO-8 and SOT23-6 sur-
face-mount packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA861IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861IDBVT TI1-OPA861IDBVT Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861IDBVT TI2-OPA861IDBVT Datasheet
880Kb / 34P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
REVISED MAY 2013
OPA861IDBVT.A TI2-OPA861IDBVT.A Datasheet
880Kb / 34P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
REVISED MAY 2013
OPA861IDBVTG4 TI1-OPA861IDBVTG4 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
More results

Similar Description - OPA861IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
Dual Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com