Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 214 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 214 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation VSC7440 Datasheet HTML 218Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
197
•
Policer triggering flow control can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_FC_STICKY).
•
Policer leaving flow control state can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_FC_CLEAR_STICKY).
3.23.2.6 Storm Policing
Each storm policer entry contains the fields in the following table. The fields are all located within the
ANA_AC_POL:POL_ALL_CFG register group.
Frames applicable for policing are any frame received by the MAC and forwarded to the classifier. Short
frames (less than 148 bytes) with errors, pause frames, or MAC control frames are not forwarded by the
MAC and therefore not accounted for in the policers. That is, they are not policed and do not add to the
rate measured by the policers.
Storm policers are enabled by configuring the traffic type to be policed
(POL_STORM_CTRL.STORM_TRAFFIC_TYPE_MASK) and specifying a corresponding rate
(POL_STORM_RATE_CFG.STORM_RATE).
The policer burst capacity can be specified with 4K granularity (POL_STORM_THRES_CFG).
Policing of traffic destined for CPU port or ports can be controlled
(POL_STORM_CTRL.STORM_TRAFFIC_TYPE_MASK(7) = 0 and CPU bypass mask in
POL_STORM_CTRL.STORM_CPU_QU_MASK).
Storm policers can be configured individually to affect frames towards CPU ports
(POL_STORM_CTRL.STORM_LIMIT_CPU_TRAFFIC_ENA) or front ports
(POL_STORM_CTRL.STORM_LIMIT_NONCPU_TRAFFIC_ENA).
The following parameters can also be configured per policer.
•
Leaky bucket calculation can be configured to include or exclude preamble, inter-frame gap, and an
optional encapsulation (POL_ALL_CFG.STORM_GAP_VALUE).
•
Each policer can be configured to measure frame rates instead of bit rates
(POL_STORM_CTRL.STORM_FRAME_RATE_ENA).
Traffic dropped by a storm policer can be counted by the port statistic block.
The following storm policer debug events are available.
•
Dropping of traffic towards CPU due to policer can be identified
(POL_STICKY.POL_STORM_DROP_CPU_STICKY).
Table 126 •
Storm Policer Table Entry
Field
Bits
Description
STORM_TRAFFIC_TYPE_MASK
8
Configures the traffic types to be taken into account by the
policer.
STORM_FRAME_RATE_ENA
1
Configures frame rate mode for the ACL policer, where rates are
measured in frames per second instead of bytes per second.
STORM_LIMIT_NONCPU_TRAFFIC_ENA
1
Configures how policing affects traffic towards front ports.
STORM_LIMIT_CPU_TRAFFIC_ENA
1
Configures how policing affects traffic towards CPU.
STORM_CPU_QU_MASK
8
Configures policing of frames to the individual CPU queues for
the port policer (see TRAFFIC_TYPE_MASK).
STORM_GAP_VALUE
7
Configures the leaky bucket calculation to include or exclude
preamble, inter-frame gap and optional encapsulation through
configuration
STORM_THRES
6
Configures storm policer burst capacity.
STORM_RATE
17
Configures storm policer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com