Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 215 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 215 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation VSC7440 Datasheet HTML 218Page - Microsemi Corporation VSC7440 Datasheet HTML 219Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
198
•
Dropping of traffic towards front port due to policer can be identified
(POL_STICKY.POL_STORM_DROP_FWD_STICKY).
•
Policers that are active but not closed can be identified per policer
(POL_STICKY.POL_STORM_ACTIVE_STICKY).
3.23.3
Analyzer Statistics
This section describes how to configure and collect statistics. There are six statistics counter blocks in
the analyzer:
•
Port statistics: Four 40-bit counters available are for each port.
•
Queue statistics: Two 40-bit counters are available for each queue.
•
BUM policer statistics: Six 40-bit counters are available for each BUM policer.
•
ACL policer statistics: Two 40-bit counters are available for each ACL policer.
•
Ingress router leg statistics: Eight IPv4 40-bit counters and eight IPv6 40-bit counters are available
for each ingress router leg.
•
Egress router leg statistics: Eight IPv4 40-bit counters and eight IPv6 40-bit counters are available
for each egress router leg.
Counters can be set up to count frames or bytes based on configurable criteria. This is described in the
following sections.
3.23.3.1 Port Statistics
The following table lists the applicable port statistics registers.
The port statistics block allows counting of a wide variety of frame events. These are represented by a
12-bit event mask:
•
Bits 0–3 represent any stick bit contribution from preceding blocks in ANA.
•
Bits 4–7 represent port policer events.
•
Bits 8–11 represent storm and ACL policer events and loopback frames.
The propagation of the event mask from the preceding blocks in the analyzer to ANA_AC is shown in the
following illustration, except for bits 8–11. See
ANA_AC:STAT_GLOBAL_CFG_PORT:STAT_GLOBAL_EVENT_MASK.GLOBAL_EVENT_MASK.
Table 127 •
Analyzer Port Statistics Register Overview
Target::Register.Field
Description
Replication
ANA_AC:STAT_GLOBAL_CFG_PORT.
STAT_GLOBAL_EVENT_MASK
Configures global event mask per counter.
4
ANA_AC:STAT_GLOBAL_CFG_PORT:S
TAT_RESET.RESET
Initializes or resets all statistic counters and the sticky bits. 1
ANA_AC:STAT_CNT_CFG_PORT.STAT_
CFG. CFG_PRIO_MASK
Configures counting of frames with certain priorities.
per port ×4
ANA_AC:STAT_CNT_CFG_PORT.STAT_
CFG. CFG_CNT_FRM_TYPE
Configures the frame type to be counted.
per port× 4
ANA_AC:STAT_CNT_CFG_PORT.STAT_
CFG. CFG_CNT_BYTE
Configures counting of bytes or frames.
per port × 4
ANA_AC:STAT_CNT_CFG_PORT.STAT_
LSB_CNT
Least significant 32 bits.
per port × 4
ANA_AC:STAT_CNT_CFG_PORT.STAT_
MSB_CNT
Most significant 8 bits.
per port × 4
ANA_AC:STAT_CNT_CFG_PORT.STAT_
EVENTS_STICKY
Sticky bits for counter events.
per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com