Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 265 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 265 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 261Page - Microsemi Corporation VSC7440 Datasheet HTML 262Page - Microsemi Corporation VSC7440 Datasheet HTML 263Page - Microsemi Corporation VSC7440 Datasheet HTML 264Page - Microsemi Corporation VSC7440 Datasheet HTML 265Page - Microsemi Corporation VSC7440 Datasheet HTML 266Page - Microsemi Corporation VSC7440 Datasheet HTML 267Page - Microsemi Corporation VSC7440 Datasheet HTML 268Page - Microsemi Corporation VSC7440 Datasheet HTML 269Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
248
The ISDX key is used if a VID key is not used and IFH.FWD.ES0_ISDX_KEY_ENA = 1.
The following tables show the actions available in VCAP_ES0. Default actions are selected by
PORT_CTRL.ES0_LPORT_NUM when no ES0 entry is hit.
Table 171 •
VCAP_ES0 Keys
Key Field
Description
Size
ISDX
VID
X1_TYPE
X1 type.
0: ISDX.
1: VID.
1x
x
EGR_PORT
Logical egress port number.
Configuration port mapped via REW::PORT_CTRL.ES0_LPORT_NUM. The
default is no mapping (EGR_PORT = configuration port number).
The configuration port is either the physical port or a Tx-mirror port number.
4x
x
PROT_ACTIVE Protection is active. Value is IFH.ENCAP.PROT_ACTIVE.1
x
x
VSI
Virtual Switch Instance.
Default value is VSI = IFH.DST.ENCAP.GEN_IDX if
IFH.DST.ENCAP.GEN_IDX_MODE = 1 else 0.
The following conditions will change the default:
If REW::ES0_CTRL.ES0_BY_RLEG = 1 and
(IFH.FWD.DST_MODE = L3UC_ROUTING or
IFH.FWD.DST_MODE = L3MC_ROUTING)
Force VSI = 0x3ff to identify routing.
If REW::ES0_CTRL.ES0_BY_RT_FWD = 1 and IFH.ENCAP.RT_FWD = 1.
Force VSI = 0x3ff to identify routing.
7x
x
COSID
Class of Service Identifier.
Value is IFH.VSTAX.MISC.COSID if
REW::PORT_CTRL.VSTAX2_MISC_ISDX_ENA = 1 else 0.
3x
X
COLOR
Frame color.
Value is IFH.VSTAX.QOS.DP mapped through REW::DP_MAP.DP.
1x
x
SERVICE_FRM Service frame.
Set to 1 if IFH.VSTAX.MISC.ISDX > 0 and
REW::PORT_CTRL.VSTAX2_MISC_ISDX_ENA = 1 else 0.
1x
x
ISDX
Ingress Service Index.
Value is IFH.VSTAX.MISC.ISDX if
REW::PORT_CTRL.VSTAX2_MISC_ISDX_ENA = 1 else 0.
9x
VID
IEEE VLAN identifier.
Default value is VID = IFH.VSTAX.TAG.VID.
The following conditions will change the default:
If REW::ES0_CTRL.ES0_BY_RLEG = 1 and (IFH.FWD.DST_MODE =
L3UC_ROUTING or IFH.FWD.DST_MODE = L3MC_ROUTING)
VID = IFH.DST.L3[UC|MC].ERLEG
If REW::ES0_CTRL.ES0_BY_RT_FWD = 1 and
IFH.DST.ENCAP.RT_FWD = 1
VID = IFH.DST.ENCAP.GEN_IDX.
12
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com