Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 268 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 268 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 264Page - Microsemi Corporation VSC7440 Datasheet HTML 265Page - Microsemi Corporation VSC7440 Datasheet HTML 266Page - Microsemi Corporation VSC7440 Datasheet HTML 267Page - Microsemi Corporation VSC7440 Datasheet HTML 268Page - Microsemi Corporation VSC7440 Datasheet HTML 269Page - Microsemi Corporation VSC7440 Datasheet HTML 270Page - Microsemi Corporation VSC7440 Datasheet HTML 271Page - Microsemi Corporation VSC7440 Datasheet HTML 272Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
251
TAG_C_DEI_SEL
Selects DEI source for ES0 tag C.
0: Classified DEI.
1: DEI_C_VAL.
2: REW::DP_MAP.DP [IFH.VSTAX.QOS.DP].
3: DEI of popped VLAN tag if available (IFH.VSTAX.TAG.WAS_TAGGED = 1 and
num_popped_tags>0) else DEI_C_VAL.
4: Mapped using mapping table 0, otherwise use DEI_C_VAL.
5: Mapped using mapping table 1, otherwise use mapping table 0.
6: Mapped using mapping table 2, otherwise use DEI_C_VAL.
7: Mapped using mapping table 3, otherwise use mapping table 2.
3
VID_A_VAL
VID used in ES0 tag A. See TAG_A_VID_SEL.
12
PCP_A_VAL
PCP used in ES0 tag A. See TAG_A_PCP_SEL.
3
DEI_A_VAL
DEI used in ES0 tag A. See TAG_A_DEI_SEL.
1
VID_B_VAL
VID used in ES0 tag B. See TAG_B_VID_SEL.
12
PCP_B_VAL
PCP used in ES0 tag B. See TAG_B_PCP_SEL.
3
DEI_B_VAL
DEI used in ES0 tag B. See TAG_B_DEI_SEL.
1
VID_C_VAL
VID used in ES0 tag C. See TAG_C_VID_SEL.
12
PCP_C_VAL
PCP used in ES0 tag C. See TAG_C_PCP_SEL.
3
DEI_C_VAL
DEI used in ES0 tag C. See TAG_C_DEI_SEL.
1
POP_VAL
Pops one additional Q-tag.
num_popped_tags = IFH.tagging.pop_cnt + POP_VAL.
The rewriter counts the number of Q-tags in the frame and only pops tags that are
present in the frame. NUM_POPPED_TAGS is equal to the last available tag.
1
UNTAG_VID_ENA
Controls insertion of tag C. Un-tag or insert mode can be selected. See
PUSH_CUSTOMER_TAG.
1
PUSH_CUSTOMER
_TAG
Selects tag C mode:
0: Do not push tag C.
1: Push tag C if IFH.VSTAX.TAG.WAS_TAGGED = 1.
2: Push tag C if IFH.VSTAX.TAG.WAS_TAGGED = 0.
3: Push tag C if UNTAG_VID_ENA = 0 or (C-TAG.VID ! = VID_C_VAL).
2
TAG_C_VID_SEL
Selects VID for ES0 tag C. The resulting VID is termed C-TAG.VID.
0: Classified VID.
1: VID_C_VAL.
1
DSCP_SEL
Selects source for DSCP.
0: Controlled by port configuration and IFH.
1: Classified DSCP via IFH.
2: DSCP_VAL.
3: Reserved.
4: Mapped using mapping table 0, otherwise use DSCP_VAL.
5: Mapped using mapping table 1, otherwise use mapping table 0.
6: Mapped using mapping table 2, otherwise use DSCP_VAL.
7: Mapped using mapping table 3, otherwise use mapping table 2.
3
DSCP_VAL
DSCP value.
6
Table 172 •
VCAP_ES0 Actions (continued)
Field Name
Description
Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com