Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 437 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 437 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 433Page - Microsemi Corporation VSC7440 Datasheet HTML 434Page - Microsemi Corporation VSC7440 Datasheet HTML 435Page - Microsemi Corporation VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation VSC7440 Datasheet HTML 439Page - Microsemi Corporation VSC7440 Datasheet HTML 440Page - Microsemi Corporation VSC7440 Datasheet HTML 441Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 444 page
background image
Design Guidelines
VMDS-10492 VSC7440 Datasheet Revision 4.2
420
9
Design Guidelines
This section provides information about design guidelines for the VSC7440 device.
9.1
Power Supplies
The following guidelines apply to designing power supplies for use with the VSC7440 device.
•
Make at least one unbroken ground plane (GND).
•
Use the power and ground plane combination as an effective power supply bypass capacitor. The
capacitance is proportional to the area of the two planes and inversely proportional to the separation
between the planes. Typical values with a 0.25 mm (0.01 inch) separation are 100 pF/in2. This
capacitance is more effective than a capacitor of equivalent value, because the planes have no
inductance or Equivalent Series Resistance (ESR).
•
Do not cut up the power or ground planes in an effort to steer current paths. This usually produces
more noise, not less. Furthermore, place vias and clearances in a configuration that maintains the
integrity of the plane. Groups of vias spaced close together often overlap clearances. This can form
a large slot in the plane. As a result, return currents are forced around the slot, which increases the
loop area and EMI emissions. Signals should never be placed on a ground plane, because the
resulting slot forces return currents around the slot.
•
Vias connecting power planes to the supply and ground balls must be at least 0.25 mm (0.010 inch)
in diameter, preferably with no thermal relief and plated closed with copper or solder. Use separate
(or even multiple) vias for each supply and ground ball.
9.2
Power Supply Decoupling
Each power supply voltage should have both bulk and high-frequency decoupling capacitors.
Recommended capacitors are as follows:
•
For bulk decoupling, use 10 µF high capacity and low ESR capacitors or equivalent, distributed
across the board.
•
For high-frequency decoupling, use 0.1 µF high frequency (for example, X7R) ceramic capacitors
placed on the side of the PCB closest to the plane being decoupled, and as close as possible to the
power ball. A larger value in the same housing unit produces even better results.
•
Use surface-mounted components for lower lead inductance and pad capacitance. Smaller form
factor components are best (that is, 0402 is better than 0603).
9.2.1
Reference Clock
The device reference clock can be a 25 MHz, 125 MHz, 156.25 MHz, or 250 MHz clock signal. It can be
either a differential reference clock or a single-ended clock. For more information, see Reference Clock,
page 371.
9.2.2
Single-Ended REFCLK Input
An external resistor network is required to use a single-ended reference clock. The network limits the
amplitude and adjusts the center of the swing. Depending on the clock driver output impedance, the
resistor values may need to be adjusted so that the REFCLK_P signal meets requirements. For
information about these requirements, see Table 275, page 371.
The following illustrations show configurations for a single-ended reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com