Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 438 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 438 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 434Page - Microsemi Corporation VSC7440 Datasheet HTML 435Page - Microsemi Corporation VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation VSC7440 Datasheet HTML 439Page - Microsemi Corporation VSC7440 Datasheet HTML 440Page - Microsemi Corporation VSC7440 Datasheet HTML 441Page - Microsemi Corporation VSC7440 Datasheet HTML 442Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 444 page
background image
Design Guidelines
VMDS-10492 VSC7440 Datasheet Revision 4.2
421
Figure 153 •
2.5 V CMOS Single-Ended REFCLK Input Resistor Network
Figure 154 •
3.3 V CMOS Single-Ended REFCLK Input Resistor Network
9.3
Interfaces
This section provides general recommendations for all interfaces and information related to the specific
interfaces on the device.
9.3.1
General Recommendations
High-speed signals require excellent frequency and phase response up to the third harmonic. The best
designs provide excellent frequency and phase response up to the seventh harmonic. The following
recommendations can improve signal quality and minimize transmission distances:
•
Keep traces as short as possible. Initial component placement should be considered very carefully.
•
The impedance of the traces must match the impedance of the termination resistors, connectors,
and cable. This reduces reflections due to impedance mismatches.
•
Differential impedance must be maintained in a 100
Ω differential application. Routing two 50 Ω
traces is not adequate. The two traces must be separated by enough distance to maintain differential
impedance. When routing differential pairs, keep the two trace lengths identical. Differences in trace
lengths translate directly into signal skew. Note that the differential impedance may be affected when
separations occur.
•
Keep differential pair traces on the same layer of the PCB to minimize impedance discontinuities. In
other words, avoid using vias.
•
Do not group all the passive components together. The pads of the components add capacitance to
the traces. At the frequencies encountered, this can result in unwanted reductions in impedance.
Use surface-mounted 0603 (or smaller) components to reduce this effect.
•
Eliminate or reduce stub lengths.
•
Reduce, if not eliminate, vias to minimize impedance discontinuities. Remember that vias and their
clearance holes in the power/ground planes can cause impedance discontinuities in nearby signals.
Keep vias away from other traces.
•
Keep signal traces away from other signals that might capacitively couple noise into the signals. A
good rule of thumb is to keep the traces apart by ten times the width of the trace.
•
Do not route digital signals from other circuits across the area of the high-speed transmitter and
receiver signals.
•
Using grounded guard traces is typically not effective for improving signal quality. A ground plane is
more effective. However, a common use of guard traces is to route them during the layout, but
remove them prior to design completion. This has the benefit of enforcing keep-out areas around
sensitive high-speed signals so that vias and other traces are not accidentally placed incorrectly.
470
Ω
510
Ω
REFCLK_P
REFCLK_N
2.5 V
CMOS
Floating
VSS
VDD_A
560
Ω
390
Ω
REFCLK_P
3.3 V
CMOS
REFCLK_N
Floating
VDD_A
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com