Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 131 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 131 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation VSC7440 Datasheet HTML 129Page - Microsemi Corporation VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
114
The basic classifier has support for determining whether certain frames must be forwarded to the CPU
extraction queues. Other parts of the device can also determine CPU forwarding, for example, the
VCAPs or the VOEs. All events leading to CPU forwarding are OR’ed together, and the final CPU
extraction queue mask, which is available to the user, contains the sum of all events leading to CPU
extraction.
Upon CPU forwarding by the basic classifier, the frame type and configuration determine whether the
frame is redirected or copied to the CPU. Any frame type or event causing a redirection to the CPU
causes all front ports to be removed from the forwarding decision—only the CPU receives the frame.
When copying a frame to the CPU, the normal forwarding of the frame to front ports is unaffected.
The following table lists the standard frame types recognized by the basic classifier, with respect to CPU
forwarding.
Each frame type has a corresponding CPU extraction queue. Note that hop-by-hop and ICMPv6 frames
share the same CPU extraction queue.
Prior to deciding whether to CPU forward a frame, the frame’s VLAN tagging must comply with a
configurable filter (ANA_CL::CAPTURE_CFG.CAPTURE_TPID_AWARE_DIS). For all frame types listed
ANA_CL::VRAP_HDR_DATA
Data match against VRAP header
None
ANA_CL::VRAP_HDR_MASK
Mask used to don’t care bits in the VRAP header
None
Table 73 •
Frame Type Definitions for CPU Forwarding
Frame
Condition
Copy/Redirect
BPDU Reserved Addresses
(IEEE 802.1D 7.12.6)
DMAC = 0x0180C2000000 to 0x0180C20000F
Redirect/Copy/Discard
GARP Application Addresses
(IEEE 802.1D 12.5)
DMAC = 0x0180C2000020 to 0x0180C200002F
Redirect/Copy/Discard
Y.1731/IEEE802.1ag Addresses
DMAC = 0x0180C2000030 to 0x0180C200003F
Redirect/Copy/Discard
IGMP
DMAC = 0x01005E000000 to 0x01005E7FFFFF
EtherType = IPv4
IP Protocol = IGMP
Redirect
MLD
DMAC = 0x333300000000 to 0x3333FFFFFFFFF
EtherType = IPv6
IPv6 Next Header = 0 (Hop-by-hop options header)
Hop-by-hop options header with the first option being a
Router Alert option with the MLD message (Option Type
= 5, Opt Data Len = 2, Option Data = 0).
Redirect
Hop-by-hop
EtherType = IPv6
IPv6 Next Header = 0 (Hop-by-hop options header)
Redirect
ICMPv6
EtherType = IPv6
IPv6 Next Header = 58 (ICMPv6)
Redirect
IPv4 Multicast Ctrl
DMAC = 0x01005E000000 to 0x01005E7FFFFF
EtherType = IPv4
IP protocol is not IGMP
IPv4 DIP inside 224.0.0.x
Copy
IPv6 Multicast Ctrl
DMAC = 0x333300000000 to 0x3333FFFFFFFF
EtherType = IPv6
IPv6 header is not hop-by-hop or ICMPv6
IPv6 DIP inside FF02::/16
Copy
Table 72 •
CPU Forwarding Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com