Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3280-AEZG Datasheet(PDF) 4 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 4 Page - Microchip Technology

  USB3280-AEZG Datasheet HTML 1Page - Microchip Technology USB3280-AEZG Datasheet HTML 2Page - Microchip Technology USB3280-AEZG Datasheet HTML 3Page - Microchip Technology USB3280-AEZG Datasheet HTML 4Page - Microchip Technology USB3280-AEZG Datasheet HTML 5Page - Microchip Technology USB3280-AEZG Datasheet HTML 6Page - Microchip Technology USB3280-AEZG Datasheet HTML 7Page - Microchip Technology USB3280-AEZG Datasheet HTML 8Page - Microchip Technology USB3280-AEZG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
USB3280
DS00001898A-page 4
 2004 - 2015 Microchip Technology Inc.
1.0
INTRODUCTION
The USB3280 provides the Physical Layer (PHY) interface to a USB 2.0 Device Controller. The IC is available in a 36-
pin RoHS compliant QFN package.
1.1
Product Description
The USB3280 is an industrial temperature USB 2.0 physical layer transceiver (PHY) integrated circuit. Microchip’s pro-
prietary technology results in low power dissipation, which is ideal for building a bus powered USB 2.0 peripheral. The
PHY uses an 8-bit bidirectional parallel interface, which complies with the USB Transceiver Macrocell Interface (UTMI)
specification. It supports 480Mbps transfer rate, while remaining backward compatible with USB 1.1 legacy protocol at
12Mbps.
All required termination and 5.25V short circuit protection of the DP/DM lines are internal to the chip. The USB3280 also
has an integrated 1.8V regulator so that only a 3.3V supply is required.
While transmitting data, the PHY serializes data and generates SYNC and EOP fields. It also performs needed bit stuff-
ing and NRZI encoding. Likewise, while receiving data, the PHY de-serializes incoming data, stripping SYNC and EOP
fields and performs bit un-stuffing and NRZI decoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com