Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3280-AEZG Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 8Page - Microchip Technology USB3280-AEZG Datasheet HTML 9Page - Microchip Technology USB3280-AEZG Datasheet HTML 10Page - Microchip Technology USB3280-AEZG Datasheet HTML 11Page - Microchip Technology USB3280-AEZG Datasheet HTML 12Page - Microchip Technology USB3280-AEZG Datasheet HTML 13Page - Microchip Technology USB3280-AEZG Datasheet HTML 14Page - Microchip Technology USB3280-AEZG Datasheet HTML 15Page - Microchip Technology USB3280-AEZG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
USB3280
DS00001898A-page 12
 2004 - 2015 Microchip Technology Inc.
Note 6-3
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40oC to 85oC; unless otherwise specified.
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM;
RL = 15kΩ to GND
2.8
3.6
V
Termination
Driver Output Impedance for
HS and FS
ZHSDRV
Steady state drive
(See Figure 6-1)
40.5
45
49.5
Ω
Input Impedance
ZINP
TX, RPU disabled
10
M
Ω
Pull-up Resistor Impedance
ZPU
Bus Idle
0.900
1.24
1.575
kΩ
Pull-up Resistor Impedance
ZPURX
Device Receiving
1.425
2.26
3.09
kΩ
Termination Voltage For Pull-up
Resistor On Pin DP
VTERM
3.0
3.6
V
HS FUNCTIONALITY
Input levels
HS Differential Input Sensitivity
VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
HS Squelch Detection Threshold
(Differential)
VHSSQ
Squelch Threshold
100
mV
Unsquelch Threshold
150
mV
Output Levels
High Speed Low Level
Output Voltage (DP/DM
referenced to GND)
VHSOL
45
Ω load
-10
10
mV
High Speed High Level
Output Voltage (DP/DM
referenced to GND)
VHSOH
45
Ω load
360
440
mV
High Speed IDLE Level
Output Voltage (DP/DM
referenced to GND)
VOLHS
45
Ω load
-10
10
mV
Chirp-J Output Voltage
(Differential)
VCHIRPJ
HS termination resistor
disabled, pull-up resistor
connected. 45
Ω load.
700
1100
mV
Chirp-K Output Voltage
(Differential)
VCHIRPK
HS termination resistor
disabled, pull-up resistor
connected. 45
Ω load.
-900
-500
mV
Leakage Current
OFF-State Leakage Current
ILZ
± 1
uA
Port Capacitance
Transceiver Input Capacitance
CIN
Pin to GND
5
10
pF
TABLE 6-4:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (
Note 6-4)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS Output Driver Timing
Rise Time
TFSR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Fall Time
TFFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first
transition from IDLE state
1.3
2.0
V
TABLE 6-3:
DC ELECTRICAL CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (
Note 6-3)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com