Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3280-AEZG Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 6Page - Microchip Technology USB3280-AEZG Datasheet HTML 7Page - Microchip Technology USB3280-AEZG Datasheet HTML 8Page - Microchip Technology USB3280-AEZG Datasheet HTML 9Page - Microchip Technology USB3280-AEZG Datasheet HTML 10Page - Microchip Technology USB3280-AEZG Datasheet HTML 11Page - Microchip Technology USB3280-AEZG Datasheet HTML 12Page - Microchip Technology USB3280-AEZG Datasheet HTML 13Page - Microchip Technology USB3280-AEZG Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
USB3280
DS00001898A-page 10
 2004 - 2015 Microchip Technology Inc.
5.0
LIMITING VALUES
TABLE 5-1:
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Maximum DP and DM
voltage to Ground
VMAX_5V
-0.3
5.5
V
Maximum VDD1.8 and
VDDA1.8 voltage to Ground
VMAX_1.8V
-0.3
2.5
V
Maximum 3.3V Supply
Voltage to Ground
VMAX_3.3V
-0.3
4.0
V
Maximum I/O Voltage to
Ground
VI
-0.3
4.0
V
Storage Temperature
TSTG
-55
150
oC
ESD PERFORMANCE
All Pins
VHBM
Human Body Model
±5
kV
LATCH-UP PERFORMANCE
All Pins
ILTCH_UP
EIA/JESD 78, Class II
150
mA
Note:
In accordance with the Absolute Maximum Rating system (IEC 60134).
TABLE 5-2:
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
3.3V Supply Voltage
(VDD3.3 and VDDA3.3)
VDD3.3
3.0
3.3
3.6
V
Input Voltage on Digital Pins VI
0.0
VDD3.3
V
Input Voltage on Analog I/O
Pins (DP, DM)
VI(I/O)
0.0
VDD3.3
V
Ambient Temperature
TA
-40
85
oC
TABLE 5-3:
RECOMMENDED EXTERNAL CLOCK CONDITIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
System Clock Frequency
XO driven by the external clock;
and no connection at XI
24
(±100ppm)
MHz
System Clock Duty Cycle
XO driven by the external clock;
and no connection at XI
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com