Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3280-AEZG Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 10Page - Microchip Technology USB3280-AEZG Datasheet HTML 11Page - Microchip Technology USB3280-AEZG Datasheet HTML 12Page - Microchip Technology USB3280-AEZG Datasheet HTML 13Page - Microchip Technology USB3280-AEZG Datasheet HTML 14Page - Microchip Technology USB3280-AEZG Datasheet HTML 15Page - Microchip Technology USB3280-AEZG Datasheet HTML 16Page - Microchip Technology USB3280-AEZG Datasheet HTML 17Page - Microchip Technology USB3280-AEZG Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
USB3280
DS00001898A-page 14
 2004 - 2015 Microchip Technology Inc.
6.1
Driver Characteristics of Full-Speed Drivers in High-Speed Capable Transceivers
The USB3280 uses a differential output driver to drive the USB data signal onto the USB cable. FIGURE 6-1: Full-Speed
Driver VOH/IOH Characteristics for High-speed Capable Transceiver on page 14 shows the V/I characteristics for a full-
speed driver which is part of a high-speed capable transceiver. The normalized V/I curve for the driver must fall entirely
inside the shaded region. The V/I region is bounded by the minimum driver impedance above (40.5 Ohm) and the max-
imum driver impedance below (49.5 Ohm). The output voltage must be within 10mV of ground when no current is flowing
in or out of the pin.
FIGURE 6-1:
FULL-SPEED DRIVER VOH/IOH CHARACTERISTICS FOR HIGH-SPEED
CAPABLE TRANSCEIVER
FIGURE 6-2:
FULL-SPEED DRIVER VOL/IOL CHARACTERISTICS FOR HIGH-SPEED
CAPABLE TRANSCEIVER
Vout (Volts)
VOH
0
0
Drive High
0.698*VOH
Test Limit
Slope = 1/49.5 Ohm
Slope = 1/40.5 Ohm
0.566*VOH
-10.71 * |VOH|
-6.1 * |VOH|
Iout
(mA)
Vout (Volts)
VOH
0
0
Drive Low
Iout
(mA)
22
1.09V
0.434*VOH
Test Limit
Slope = 1/40.5 Ohm
Slope = 1/49.5 Ohm
10.71 * |VOH|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com