Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5500 Datasheet(PDF) 9 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 9 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 5Page - WIZnet Co., Ltd W5500 Datasheet HTML 6Page - WIZnet Co., Ltd W5500 Datasheet HTML 7Page - WIZnet Co., Ltd W5500 Datasheet HTML 8Page - WIZnet Co., Ltd W5500 Datasheet HTML 9Page - WIZnet Co., Ltd W5500 Datasheet HTML 10Page - WIZnet Co., Ltd W5500 Datasheet HTML 11Page - WIZnet Co., Ltd W5500 Datasheet HTML 12Page - WIZnet Co., Ltd W5500 Datasheet HTML 13Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
W5500 Datasheet Version1.0.9
9 / 66
This pin must be connected to a 10nF capacitor.
This is the output voltage of the internal regulator.
23
RSVD
Pull-down
I
It must be tied to GND.
24
SPDLED
-
O
Speed LED
This shows the Speed status of the connected link.
Low: 100Mbps
High: 10Mbps
25
LINKLED
-
O
Link LED
This shows the Link status.
Low: Link is established
High: Link is not established
26
DUPLED
-
O
Duplex LED
This shows the Duplex status for the connected link.
Low: Full-duplex mode
High: Half-duplex mode
27
ACTLED
-
O
Active LED
This shows that there is Carrier sense (CRS) from the
active Physical Medium Sub-layer (PMD) during TX or RX
activity.
Low: Carrier sense from the active PMD
High: No carrier sense
28
VDD
-
PWR
Digital 3.3V Power
29
GND
-
GND
Digital Ground
30
XI/CLKIN
-
AI
Crystal input / External Clock input
External 25MHz Crystal Input.
This pin can also be connected to single-ended TTL
oscillator (CLKIN). 3.3V clock should be applied for the
External Clock input. If this method is implemented, XO
should be left unconnected.
Refer to the ‘Crystal reference schematic’ (Figure.3) for
details.
31
XO
-
AO
Crystal output
External 25MHz Crystal Output
Note: Float this pin if using an external clock being
driven through XI/CLKIN
32
SCSn
Pull-up
I
Chip Select for SPI bus
This pin can be asserted low to select W5500 in SPI
interface.
Low: selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com