Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5500 Datasheet(PDF) 13 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 13 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 9Page - WIZnet Co., Ltd W5500 Datasheet HTML 10Page - WIZnet Co., Ltd W5500 Datasheet HTML 11Page - WIZnet Co., Ltd W5500 Datasheet HTML 12Page - WIZnet Co., Ltd W5500 Datasheet HTML 13Page - WIZnet Co., Ltd W5500 Datasheet HTML 14Page - WIZnet Co., Ltd W5500 Datasheet HTML 15Page - WIZnet Co., Ltd W5500 Datasheet HTML 16Page - WIZnet Co., Ltd W5500 Datasheet HTML 17Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
W5500 Datasheet Version1.0.9
13 / 66
The W5500 supports SPI Mode 0 and Mode 3. Both MOSI and MISO signals use transfer
sequence from Most Significant Bit (MSB) to Least Significant Bit (LSB) when MOSI
signal transmits and MISO signal receives. MOSI & MISO signals always transmit or
receive in sequence from the Most Significant Bit (MSB) to Least Significant Bit (LSB).
Figure 6. SPI Mode 0 & 3
2.1
SPI Operation Mode
W5500 is controlled by SPI Frame (Refer to the Chapter 2.2 SPI Frame) which
communicates with the External Host. W5500 SPI Frame consists 3 phases, Address
Phase, Control Phase and Data Phase.
Address Phase specifies 16 bits Offset Address for W5500 Register or TX/RX Memory.
Control Phase specifies the block to which Offset (set by Address Phase) belongs, and
specifies Read/Write Access Mode and SPI Operation Mode (Variable Length Data /
Fixed Length Data Mode).
And Data Phase specifies random length (N-bytes, 1 ≤ N) Data or 1 byte, 2 bytes and
4 bytes Data.
If SPI Operation Mode is set as Variable Length Data Mode (VDM), SPI Bus Signal SCSn
must be controlled by the External Host with SPI Frame step.
At the Variable Length Data Mode, SCSn Control Start (Assert (High-to-Low)) informs
W5500 of SPI Frame Start (Address Phase), and SCSn Control End (De-assert (Low-to-
High) informs W5500 of SPI Frame End (Data Phase End of random N byte).
SCLK
MISO/MOSI
Sampling
Toggling
Mode 3 : SCLK idle level high
SCLK
MISO/MOSI
Sampling
Toggling
Mode 0 : SCLK idle level low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com