Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5500 Datasheet(PDF) 34 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 34 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 30Page - WIZnet Co., Ltd W5500 Datasheet HTML 31Page - WIZnet Co., Ltd W5500 Datasheet HTML 32Page - WIZnet Co., Ltd W5500 Datasheet HTML 33Page - WIZnet Co., Ltd W5500 Datasheet HTML 34Page - WIZnet Co., Ltd W5500 Datasheet HTML 35Page - WIZnet Co., Ltd W5500 Datasheet HTML 36Page - WIZnet Co., Ltd W5500 Datasheet HTML 37Page - WIZnet Co., Ltd W5500 Datasheet HTML 38Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
34 / 66
W5500 Datasheet Version1.0.9
INTLEVEL (Interrupt Low Level Timer Register) [R/W] [0x0013 – 0x0014] [0x0000]
INTLEVEL configures the Interrupt Assert Wait Time (IAWT). When the next interrupt
occurs, Interrupt PIN (INTn ) will assert to low after INTLEVEL time.
���������������� = (�������������������������������� + 1) ×
1
������������������������3
× 4 (when INTLEVEL > 0)
Equation 1 Interrupt Assert Wait Time
Figure 21. INTLEVEL Timing
a. When Timeout Interrupt of Socket 0 is occurred, S0_IR[3] & SIR[0] bit set as ‘1’ and
then INTn PIN is asserted to low.
b. When the connection interrupt of Socket 1 is occurred before the previous interrupt
processing is not completed, S1_IR[0] & SIR[1] bits set as ‘1’ and INTn PIN is still low.
c. If the host processed the previous interrupt completely by clearing the S0_IR[3] bit,
INTn PIN is de-asserted to high but S1_IR[0] & SIR[1] is still set as ‘1’.
d. Although S1_IR[0] & SIR[1] bit is set as ‘1’, the INTn can’t be asserted to low during
INTLEVEL time. After the INTLEVEL time expires, the INTn will be asserted to low.
3 ������������������������ is 150MHz
PLL_CLK
SIR
S0_IR
S1_IR
0x0000
0x0001
0x0002
0x04
0x00
0x01
0x00
0x00
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
0x0003
INTn
a.
b.
c.
d.
IAWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com