Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5500 Datasheet(PDF) 18 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 18 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 14Page - WIZnet Co., Ltd W5500 Datasheet HTML 15Page - WIZnet Co., Ltd W5500 Datasheet HTML 16Page - WIZnet Co., Ltd W5500 Datasheet HTML 17Page - WIZnet Co., Ltd W5500 Datasheet HTML 18Page - WIZnet Co., Ltd W5500 Datasheet HTML 19Page - WIZnet Co., Ltd W5500 Datasheet HTML 20Page - WIZnet Co., Ltd W5500 Datasheet HTML 21Page - WIZnet Co., Ltd W5500 Datasheet HTML 22Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
18 / 66
W5500 Datasheet Version1.0.9
2.3.1
Write Access in VDM
Figure 8. Write SPI Frame in VDM mode
Figure 8 shows the SPI Frame when the external host accesses W5500 for
writing.
In VDM mode, the RWB signal is ‘1’ (Write), OM[1:0] is ‘00’ in SPI Frame Control
Phase. At this time the External Host assert (High-to-Low) SCSn signal before
transmitting SPI Frame. Then the Host transmits SPI Frame’s all bits to W5500
through MOSI signal. All bits are synchronized with the falling edge of the SCLK.
After finishing the SPI Frame transmit, the Host deasserts SCSn signal (Low-to-
High).
When SCSn is Low and the Data Phase continues, the Sequential Data Write can be
supported.
RWB
SCSn
MOSI
7
6
5
4
3
2
1
0
4
3
2
0
15
14
3
2
1
0
13
1
2
0
SCLK
12 13 14
15
16 bits Offset Address
BSB[4:0]
17 18
16
20 21 22 23
25 26
24
27 28
29 30 31
8-bit Data 1
MODE0
MODE3
19
1
MOSI
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
MISO
SCSn
SCLK
33 34
32
35 36 37 37
39
8N + 16
8N + 24
8-bit Data 2
...
8-bit Data N
...
OM[1:0]
MISO
W 0 0
SCSn shoud be remained low until SPI Frame Transmit done.
SCSn Should be remained low until SPI Frame Transmit done.
SPI Frame Start
SPI Frame End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com