Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100 Datasheet(PDF) 69 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 69 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 64Page - WIZnet Co., Ltd W5100 Datasheet HTML 65Page - WIZnet Co., Ltd W5100 Datasheet HTML 66Page - WIZnet Co., Ltd W5100 Datasheet HTML 67Page - WIZnet Co., Ltd W5100 Datasheet HTML 68Page - WIZnet Co., Ltd W5100 Datasheet HTML 69Page - WIZnet Co., Ltd W5100 Datasheet HTML 70Page - WIZnet Co., Ltd W5100 Datasheet HTML 71Page - WIZnet Co., Ltd W5100 Datasheet HTML 72Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
68
Crystal Characteristics
Parameter
Range
Frequency
25 MHz
Frequency Tolerance (at 25℃)
±30 ppm
Shunt Capacitance
7pF Max
Drive Level
100uW
Load Capacitance
27pF
Aging (at 25℃)
±3ppm / year Max
※ When you use the Oscillator, it should refer to the table below.
Parameter
Range
Period jitter
120ps Max
Cycle-to cycle jitter
160ps Max
Long-term jitter
200ps Max
Clock duty cycle
40 ~ 60%
Transformer Characteristics
Parameter
Transmit End
Receive End
Turn Ratio
1:1
1:1
Inductance
350 uH
350 uH
Symmetrical TX & RX channels for auto MDI/MDIX capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com