Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100 Datasheet(PDF) 31 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 31 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd W5100 Datasheet HTML 33Page - WIZnet Co., Ltd W5100 Datasheet HTML 34Page - WIZnet Co., Ltd W5100 Datasheet HTML 35Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
30
Value
Symbol
Description
0x00
SOCK_CLOSED
It is shown in case that CLOSE commands are given to
Sn_CR, and Timeout interrupt is asserted or connection is
terminated. In this SOCK_CLOSED status, no operation
occurs and all resources for the connection is released.
0x13
SOCK_INIT
It is shown in case that Sn_MR is set as TCP and OPEN
commands are given to Sn_CR. This is the initial step for
TCP connection establishment of a socket. In this SOCK_INIT
status, the command type (LISTEN or CONNECT) of Sn_CR
will decide the operation type – TCP server mode or Client
mode.
0x14
SOCK_LISTEN
It is shown in case that LISTEN commands are given to
Sn_CR at the SOCK_INIT status. The related socket will
operate as TCP Server mode, and become ESTBLISHED status
if connection request is normally received.
0x17
SOCK_ESTABLISHED
It is shown in case that connection is established. In this
status, TCP data is transmitted and received.
0x1C
SOCK_CLOSE_WAIT
It is shown in case that connection termination request is
received from peer host. At this status, the Acknowledge
message has been received from the peer, but not
disconnected. The connection can be closed by receiving
the DICON or CLOSE commands.
0x22
SOCK_UDP
It is shown in case that OPEN commands are given to Sn_CR
when Sn_MR is set as UDP. As this status does not need the
connection process with peer, the data can be directly
transmitted and received.
0x32
SOCK_IPRAW
It is shown in case that OPEN commands are given to Sn_CR
when Sn_MR is set as IPRAW. At the IPRAW status, the
following protocols of IP Header are not processed. Refer to
“IP RAW” for more information.
0x42
SOCK_MACRAW
It is shown in case that OPEN commands are given to S0_CR
when S0_MR is set as MACRAW.
At the MAC RAW status, there is no protocol process for a
packet. For more information, refer to “MAC RAW”.
0x5F
SOCK_PPPOE
It is shown in case that OPEN commands are given to S0_CR
when S0_MR is set as PPPoE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com