Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100 Datasheet(PDF) 14 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 14 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 10Page - WIZnet Co., Ltd W5100 Datasheet HTML 11Page - WIZnet Co., Ltd W5100 Datasheet HTML 12Page - WIZnet Co., Ltd W5100 Datasheet HTML 13Page - WIZnet Co., Ltd W5100 Datasheet HTML 14Page - WIZnet Co., Ltd W5100 Datasheet HTML 15Page - WIZnet Co., Ltd W5100 Datasheet HTML 16Page - WIZnet Co., Ltd W5100 Datasheet HTML 17Page - WIZnet Co., Ltd W5100 Datasheet HTML 18Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
13
1.5 Clock Signals
Symbol
Type
Pin No
Description
XTLP
O
76
25MHz crystal input/output
A 25MHz parallel-resonant crystal is used to connect
these pins to stabilize the internal oscillator
If you want to use oscillator, 25MHz clock to connect
XTLN signals and XTLP is open and MUST use 1.8V
level oscillator.
XTLN
I
75
1.6 LED Signals
Symbol
Type
Pin No
Description
LINKLED
O
66
Link LED
Active low in link state indicates a good status for
10/100M.
It is always ON when the link is OK and it flashes
while in a TX or RX state.
SPDLED
O
67
Link speed LED
Active low indicates the link speed is 100Mbps.
FDXLED
O
70
Full duplex LED
Active low indicates the status of full-duplex mode.
COLLED
O
71
Collision LED
Active low indicates the presence of collision
activity.
RXLED
O
72
Receive activity LED
Active low indicates the presence of receiving
activity.
TXLED
O
73
Transmit activity LED
Active low indicates the presence of transmitting
activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com