Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100 Datasheet(PDF) 29 Page - WIZnet Co., Ltd

Part # W5100
Description  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 Datasheet(HTML) 29 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 25Page - WIZnet Co., Ltd W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd W5100 Datasheet HTML 33Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
28
SERVER mode.
* In case of using CLOSE command instead of DISCON, only the value of
Socket n Status Register(Sn_SR) is changed to SOCK_CLOSED without
the connection termination process.
0x10
CLOSE
It is used to close the socket. It changes the value of Socket n Status
Register(Sn_SR) to SOCK_CLOSED.
0x20
SEND
It transmits the data as much as the increased size of Socket n TX Write
Pointer. For more detail, refer to Socket n TX Free Size Register
(Sn_TX_FSR), Socket n TX Write Pointer Register(Sn_TX_WR), and Socket
n TX Read Pointer Register(Sn_TX_RR) or 5.2.1.1. SERVER mode.
0x21
SEND_MAC
It is used in UDP mode.
The basic operation is same as SEND. Normally SEND operation needs
Destination Hardware Address that is received in ARP(Address Resolution
Protocol) process. SEND_MAC uses Socket n Destination Hardware
Address(Sn_DHAR) that is written by users without ARP process.
0x22
SEND_KEEP
It is only used in TCP mode.
It checks the connection status by sending 1byte data. If the connection
is already terminated or peer has no response, Timeout interrupt will
occur.
0x40
RECV
Receiving is processed with the value of Socket n RX Read Pointer
Register(Sn_RX_RD).
For more detail, refer to 5.2.1.1 SERVER mode Receiving Process with
Socket n RX Received Size Register (Sn_RX_RSR), Socket n RX Write
Pointer
Register(Sn_RX_WR),
and
Socket
n
RX
Read
Pointer
Register(Sn_RX_RD)
Sn_IR (Socket n Interrupt Register) [R] [0x0402, 0x0502, 0x0602, 0x0702] [0x00]
This register is used for notifying connection establishment and termination, receiving data
and Timeout. The Socket n Interrupt Register must be cleared by writing ‘1’.
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
SEND_OK
TIMEOUT
RECV
DISCON
CON
Bit
Symbol
Description
7
Reserved
Reserved
6
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com