Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA32E5 Datasheet(PDF) 9 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 9 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 5Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 6Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 7Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 8Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 9Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 10Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 11Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 12Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 9
ATxmega32E5/16E5/8E5
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Microchip sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see “Packaging Information” on page 75.
4.
Tape and Reel.
2. Typical Applications
ATxmega32E5-AN
32A
(7x7mm TQFP)
32K + 4K
1K
4K
32
1.6 – 3.6
-40 – 105
ATxmega32E5ANR(4)
ATxmega32E5-MN
32Z
(5x5mm VQFN)
ATxmega32E5-MNR(4)
ATxmega32E5-M4UN
32MA
(4x4mm UQFN)
ATxmega32E5-M4UNR(4)
Package Type
32A
32-lead, 7x7mm body size, 1.0mm body thickness, 0.8mm lead pitch, thin profile plastic quad flat package (TQFP)
32Z
32-lead, 0.5mm pitch, 5x5mm Very Thin quad Flat No Lead Package (VQFN) Sawn
32MA
32-lead, 0.4mm pitch, 4x4x0.60mm Ultra Thin Quad No Lead (UQFN) Package
Board controller
Sensor control
Motor control
User interface
Industrial control
Ballast control, Inverters
Communication bridges
Battery charger
Utility metering
Appliances
Ordering Code
Package(1)(2)(3)
Flash
[Bytes]
EEPROM
[Bytes]
SRAM
[Bytes]
Speed
[MHz]
Power supply
[V]
Temp.
[°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com