| Electronic Components Datasheet Search |
|
ATXMEGA32E5 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATXMEGA32E5 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 153 page ![]() 2018 Microchip Technology Inc. Data Sheet Complete DS40002059A-page 14 ATxmega32E5/16E5/8E5 Figure 7-1. Block Diagram of the AVR CPU Architecture The arithmetic logic unit (ALU) supports arithmetic and logic operations between registers or between a constant and a reg- ister. Single-register operations can also be executed in the ALU. After an arithmetic operation, the status register is updated to reflect information about the result of the operation. The ALU is directly connected to the fast-access register file. The 32 x 8-bit general purpose working registers all have sin- gle clock cycle access time allowing single-cycle arithmetic logic unit (ALU) operation between registers or between a register and an immediate. Six of the 32 registers can be used as three 16-bit address pointers for program and data space addressing, enabling efficient address calculations. The memory spaces are linear. The data memory space and the program memory space are two different memory spaces. The data memory space is divided into I/O registers, SRAM, and memory mapped EEPROM. All I/O status and control registers reside in the lowest 4KB addresses of the data memory. This is referred to as the I/O memory space. The lowest 64 addresses can be accessed directly, or as the data space locations from 0x00 to 0x3F. The rest is the extended I/O memory space, ranging from 0x0040 to 0x0FFF. I/O registers here must be accessed as data space locations using load (LD/LDS/LDD) and store (ST/STS/STD) instructions. The SRAM holds data. Code execution from SRAM is not supported. It can easily be accessed through the five different addressing modes supported in the AVR architecture. The first SRAM address is 0x2000. Data addresses 0x1000 to 0x1FFF are reserved for EEPROM. The program memory is divided in two sections, the application program section and the boot program section. Both sec- tions have dedicated lock bits for write and read/write protection. The SPM instruction that is used for self-programming of the application flash memory must reside in the boot program section. The application section contains an application table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |