Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA32E5 Datasheet(PDF) 11 Page - Microchip Technology

Part # ATXMEGA32E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA32E5 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATXMEGA32E5 Datasheet HTML 7Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 8Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 9Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 10Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 11Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 12Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 13Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 14Page - Microchip Technology ATXMEGA32E5 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 11
ATxmega32E5/16E5/8E5
4. Overview
The AVR XMEGA is a family of low power, high performance, and peripheral rich 8/16-bit microcontrollers based on the
AVR enhanced RISC architecture. By executing instructions in a single clock cycle, the AVR XMEGA devices achieve CPU
throughput approaching one million instructions per second (MIPS) per megahertz, allowing the system designer to opti-
mize power consumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All 32 registers are directly con-
nected to the arithmetic logic unit (ALU), allowing two independent registers to be accessed in a single instruction,
executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs many times
faster than conventional single-accumulator or CISC based microcontrollers.
The AVR XMEGA E5 devices provide the following features: in-system programmable flash with read-while-write capabili-
ties; internal EEPROM and SRAM; four-channel enhanced DMA (EDMA) controller; eight-channel event system with
asynchronous event support; programmable multilevel interrupt controller; 26 general purpose I/O lines; CRC-16 (CRC-
CCITT) and CRC-32 (IEEE 802.3) generators; one XMEGA Custom Logic module with timer, counter and logic functions
(XCL); 16-bit real-time counter (RTC) with digital correction; three flexible, 16-bit timer/counters with compare and PWM
channels; two USARTs; one two-wire serial interface (TWI) allowing simultaneous master and slave; one serial peripheral
interface (SPI); one sixteen-channel, 12-bit ADC with programmable gain, offset and gain correction, averaging, over-sam-
pling and decimation; one 2-channel 12-bit DAC; two analog comparators (ACs) with window mode and current sources;
programmable watchdog timer with separate internal oscillator; accurate internal oscillators with PLL and prescaler; and
programmable brown-out detection.
The program and debug interface (PDI), a fast, two-pin interface for programming and debugging, is available.
The AVR XMEGA E5 devices have five software selectable power saving modes. The idle mode stops the CPU while
allowing the SRAM, EDMA controller, event system, interrupt controller, and all peripherals to continue functioning. The
power-down mode saves the SRAM and register contents, but stops the oscillators, disabling all other functions until the
next TWI, or pin-change interrupt, or reset. In power-save mode, the asynchronous real-time counter continues to run,
allowing the application to maintain a timer base while the rest of the device is sleeping. In standby mode, the external crys-
tal oscillator keeps running while the rest of the device is sleeping. This allows very fast startup from the external crystal,
combined with low power consumption. In extended standby mode, both the main oscillator and the asynchronous timer
continue to run. In each power save, standby or extended standby mode, the low power mode of the internal 8MHz oscilla-
tor allows very fast startup time combined with very low power consumption.
To further reduce power consumption, the peripheral clock to each individual peripheral can optionally be stopped in active
mode and idle sleep mode and low power mode of the internal 8MHz oscillator can be enabled.
Microchip offers a free QTouch library for embedding capacitive touch buttons, sliders and wheels functionality into AVR
microcontrollers. The devices are manufactured using high-density, nonvolatile memory technology. The program flash
memory can be reprogrammed in-system through the PDI. A boot loader running in the device can use any interface to
download the application program to the flash memory. The boot loader software in the boot flash section can continue to
run. By combining an 8/16-bit RISC CPU with in-system, self-programmable flash, the AVR XMEGA is a powerful micro-
controller family that provides a highly flexible and cost effective solution for many embedded applications.
All AVR XMEGA devices are supported with a full suite of program and system development tools, including C compilers,
macro assemblers, program debugger/simulators, programmers, and evaluation kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com