Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9514 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 28Page - Microchip Technology LAN9514 Datasheet HTML 29Page - Microchip Technology LAN9514 Datasheet HTML 30Page - Microchip Technology LAN9514 Datasheet HTML 31Page - Microchip Technology LAN9514 Datasheet HTML 32Page - Microchip Technology LAN9514 Datasheet HTML 33Page - Microchip Technology LAN9514 Datasheet HTML 34Page - Microchip Technology LAN9514 Datasheet HTML 35Page - Microchip Technology LAN9514 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 32
 2009-2016 Microchip Technology Inc.
3.2
EEPROM Defaults
The signature value of 0xA5 is stored at address 0. A different signature value indicates to the EEPROM controller that
no EEPROM or an un-programmed EEPROM is attached to the device. In this case, the hardware default values are
used, as shown in Table 3-11.
3.3
EEPROM Auto-Load
Certain system level resets (USB reset, POR, nRESET, and SRST) cause the EEPROM contents to be loaded into the
device. After a reset, the EEPROM controller attempts to read the first byte of data from the EEPROM. If the value 0xA5
is read from the first address, then the EEPROM controller will assume that the external Serial EEPROM is configured
for auto-loading. If a value other than 0xA5 is read from the first address, the EEPROM auto-load will not commence.
Note:
The EEPROM contents are loaded for both the Hub and the Ethernet Controller as a result of a POR or
nRESET. The USB reset results only in the loading of the MAC address from the EEPROM. A software reset
(SRST) or a EEPROM Reload Command causes the EEPROM contents related solely to the Ethernet Con-
troller to be loaded.
3.4
An Example of EEPROM Format Interpretation
Table 3-12 and Table 3-13 provide an example of how the contents of a EEPROM are formatted. Table 3-12 is a dump
of the EEPROM memory (256-byte EEPROM), while Table 3-13 illustrates, byte by byte, how the EEPROM is formatted.
TABLE 3-11:
EEPROM DEFAULTS
Field
Default Value
Ethernet Controller
MAC Address
FFFFFFFFFFFFh
Ethernet Controller
Full-Speed Polling Interval
(mS)
01h
Ethernet Controller
Hi-Speed Polling Interval
(mS)
04h
Ethernet Controller Con-
figuration Flags
05h
Ethernet Controller Maxi-
mum Power (mA)
01h
Ethernet Controller Ven-
dor ID
0424h
Ethernet Controller Prod-
uct ID
EC00h
TABLE 3-12:
DUMP OF EEPROM MEMORY
Offset
Byte
Value
0000h
A5 12 34 56 78 9A BC 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com