Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9514 Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 8Page - Microchip Technology LAN9514 Datasheet HTML 9Page - Microchip Technology LAN9514 Datasheet HTML 10Page - Microchip Technology LAN9514 Datasheet HTML 11Page - Microchip Technology LAN9514 Datasheet HTML 12Page - Microchip Technology LAN9514 Datasheet HTML 13Page - Microchip Technology LAN9514 Datasheet HTML 14Page - Microchip Technology LAN9514 Datasheet HTML 15Page - Microchip Technology LAN9514 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 12
 2009-2016 Microchip Technology Inc.
Note 2-1
Exposed pad on package bottom (Figure 2-1).
TABLE 2-6:
I/O POWER PINS, CORE POWER PINS, AND GROUND PAD
Num
PINs
Name
Symbol
Buffer
Type
Description
5
+3.3V I/O Power
VDD33IO
P
+3.3V Power Supply for I/O Pins.
Refer to the LAN9514/LAN9514i reference
schematics for connection information.
2
Digital Core
+1.8V Power
Supply Output
VDD18CORE
P
+1.8V power from the internal core voltage
regulator. All VDD18CORE pins must be tied
together for proper operation.
Refer to the LAN9514/LAN9514i reference
schematics for connection information.
1
Note
2-1
Ground
VSS
P
Ground
TABLE 2-7:
64-QFN PACKAGE PIN ASSIGNMENTS
Pin
Num
Pin Name
Pin
Num
Pin Name
Pin
Num
Pin Name
Pin
Num
Pin Name
1
USBDM2
17
PRTCTL4
33
VDD33IO
49
VDD33A
2
USBDP2
18
PRTCTL5
34
TEST2
50
EXRES
3
USBDM3
19
VDD33IO
35
GPIO3
51
VDD33A
4
USBDP3
20
nFDX_LED/
GPIO0
36
GPIO4
52
RXP
5
VDD33A
21
nLNKA_LED/
GPIO1
37
GPIO5
53
RXN
6
USBDM4
22
nSPD_LED/
GPIO2
38
VDD18CORE
54
VDD33A
7
USBDP4
23
EECLK
39
VDD33IO
55
TXP
8
USBDM5
24
EECS
40
TEST3
56
TXN
9
USBDP5
25
EEDO
41
AUTOMDIX_EN
57
VDD33A
10
VDD33A
26
EEDI
42
GPIO6
58
USBDM0
11
VBUS_DET
27
VDD33IO
43
GPIO7
59
USBDP0
12
nRESET
28
nTRST
44
CLK24_EN
60
XO
13
TEST1
29
TMS
45
CLK24_OUT
61
XI
14
PRTCTL2
30
TDI
46
VDD33IO
62
VDD18USBPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com