Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9514 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 7Page - Microchip Technology LAN9514 Datasheet HTML 8Page - Microchip Technology LAN9514 Datasheet HTML 9Page - Microchip Technology LAN9514 Datasheet HTML 10Page - Microchip Technology LAN9514 Datasheet HTML 11Page - Microchip Technology LAN9514 Datasheet HTML 12Page - Microchip Technology LAN9514 Datasheet HTML 13Page - Microchip Technology LAN9514 Datasheet HTML 14Page - Microchip Technology LAN9514 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 11
LAN9514/LAN9514I
1
USB PLL +1.8V
Power Supply
VDD18USBPLL
P
Refer to the LAN9514/LAN9514i reference
schematics for additional connection information.
1
Crystal Input
XI
ICLK
External 25 MHz crystal input.
Note:
This pin can also be driven by a single-
ended clock oscillator. When this method
is used, XO should be left unconnected
1
Crystal Output
XO
OCLK
External 25 MHz crystal output.
TABLE 2-5:
ETHERNET PHY PINS
Num
PINs
Name
Symbol
Buffer
Type
Description
1
Ethernet TX
Data Out Nega-
tive
TXN
AIO
Negative output of the Ethernet transmitter. The
transmit data outputs may be swapped internally
with receive data inputs when Auto-MDIX is
enabled.
1
Ethernet TX
Data Out Posi-
tive
TXP
AIO
Positive output of the Ethernet transmitter. The
transmit data outputs may be swapped internally
with receive data inputs when Auto-MDIX is
enabled.
1
Ethernet RX
Data In Nega-
tive
RXN
AIO
Negative input of the Ethernet receiver. The receive
data inputs may be swapped internally with
transmit data outputs when Auto-MDIX is enabled.
1
Ethernet RX
Data In Positive
RXP
AIO
Positive input of the Ethernet receiver. The receive
data inputs may be swapped internally with
transmit data outputs when Auto-MDIX is enabled.
7
+3.3V Analog
Power Supply
VDD33A
P
Refer to the LAN9514/LAN9514i reference
schematics for connection information.
1
External PHY
Bias Resistor
EXRES
AI
Used for the internal bias circuits. Connect to an
external 12.4K 1.0% resistor to ground.
1
Ethernet PLL
+1.8V Power
Supply
VDD18ETHPLL
P
Refer to the LAN9514/LAN9514i reference
schematics for additional connection information.
TABLE 2-4:
USB PINS (CONTINUED)
Num
PINs
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com