Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9514 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 1 Page - Microchip Technology

  LAN9514 Datasheet HTML 1Page - Microchip Technology LAN9514 Datasheet HTML 2Page - Microchip Technology LAN9514 Datasheet HTML 3Page - Microchip Technology LAN9514 Datasheet HTML 4Page - Microchip Technology LAN9514 Datasheet HTML 5Page - Microchip Technology LAN9514 Datasheet HTML 6Page - Microchip Technology LAN9514 Datasheet HTML 7Page - Microchip Technology LAN9514 Datasheet HTML 8Page - Microchip Technology LAN9514 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 1
Highlights
• Four downstream ports, one upstream port
- Four integrated downstream USB 2.0 PHYs
- One integrated upstream USB 2.0 PHY
• Integrated 10/100 Ethernet MAC with full-duplex
support
• Integrated 10/100 Ethernet PHY with HP Auto-
MDIX
• Implements Reduced Power Operating Modes
• Minimized BOM Cost
- Single 25 MHz crystal (Eliminates cost of separate
crystals for USB and Ethernet)
- Built-in Power-On-Reset (POR) circuit (Eliminates
requirement for external passive or active reset)
Target Applications
• Desktop PCs
• Notebook PCs
• Printers
• Game Consoles
• Embedded Systems
• Docking Stations
Key Features
•USB Hub
- Fully compliant with Universal Serial Bus Specifica-
tion Revision 2.0
- HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps)
compatible
- Four downstream ports, one upstream port
- Port mapping and disable support
- Port Swap: Programmable USB diff-pair pin loca-
tion
- PHY Boost: Programmable USB signal drive
strength
- Select presence of a permanently hardwired USB
peripheral device on a port by port basis
- Advanced power saving features
- Downstream PHY goes into low power mode when
port power to the port is disabled
- Full Power Management with individual or ganged
power control of each downstream port.
- Integrated USB termination Pull-up/Pull-down
resistors
- Internal short circuit protection of USB differential
signal pins
Key Features (continued)
• High-Performance 10/100 Ethernet Controller
- Fully compliant with IEEE802.3/802.3u
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- Full- and half-duplex support with flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and checking
- Automatic payload padding and pad removal
- Loop-back modes
- TCP/UDP checksum offload support
- Flexible address filtering modes
– One 48-bit perfect address
– 64 hash-filtered multicast addresses
– Pass all multicast
– Promiscuous mode
– Inverse filtering
– Pass all incoming with status report
- Wakeup packet support
- Integrated Ethernet PHY
– Auto-negotiation, HP Auto-MDIX
– Automatic polarity detection and correction
– Energy Detect
• Power and I/Os
- Three PHY LEDs
- Eight GPIOs
- Supports bus-powered and self-powered operation
- Internal 1.8v core supply regulator
- External 3.3v I/O supply
• Miscellaneous features
- Optional EEPROM
- Optional 24MHz reference clock output for partner
hub
- IEEE 1149.1 (JTAG) Boundary Scan
•Software
- Windows 2000/XP/Vista Driver
- Linux Driver
- Win CE Driver
-MAC OS Driver
- EEPROM Utility
• Packaging
- 64-pin QFN, lead-free RoHS compliant
• Environmental
- Commercial Temperature Range (0°C to +70°C)
- Industrial Temperature Range (-40°C to +85°C)
- ±8 kV HBM without External Protection Devices
- ±8 kV contact mode (IEC61000-4-2)
- ±15 kV air-gap discharge mode (IEC61000-4-2)
LAN9514/LAN9514i
USB 2.0 Hub and 10/100 Ethernet Controller


Similar Part No. - LAN9514

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514-JZX SMSC-LAN9514-JZX Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514-JZX SMSC-LAN9514-JZX Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514-JZX-TR SMSC-LAN9514-JZX-TR Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
More results

Similar Description - LAN9514

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
USB 2.0 MTT HUB Controller
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
USB 2.0 HUB Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com