Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R500S Datasheet(PDF) 8 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 8 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 4Page - u-blox AG SARA-R500S Datasheet HTML 5Page - u-blox AG SARA-R500S Datasheet HTML 6Page - u-blox AG SARA-R500S Datasheet HTML 7Page - u-blox AG SARA-R500S Datasheet HTML 8Page - u-blox AG SARA-R500S Datasheet HTML 9Page - u-blox AG SARA-R500S Datasheet HTML 10Page - u-blox AG SARA-R500S Datasheet HTML 11Page - u-blox AG SARA-R500S Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Functional description
Page 8 of 43
C1-Public
1.4 Product description
SARA-R5 series modules include the following variants / products versions:
SARA-R500S LTE Cat M1 / NB2 module for multi-region use, cost effective solution for devices
that do not need to reach ultra-low power consumption in deep-sleep power saving mode (PSM)
SARA-R510S LTE Cat M1 / NB2 module for multi-region use, designed to achieve extremely low
current consumption in deep-sleep power saving mode (PSM)
SARA-R510M8S LTE Cat M1 / NB2 module for multi-region use, integrating the UBX-M8030 high
performance standard precision concurrent GNSS chip for global position acquisition
Item
SARA-R500S / SARA-R510S
SARA-R510M8S
Cellular protocol stack
3GPP Release 13 LTE Cat M1 and NB1
3GPP Release 14 LTE Cat M1: Coverage
Enhancement Mode B, Uplink TBS of 2984b
3GPP Release 14 LTE Cat NB2: Higher data
rate (TBS of 2536b), Mobility enhancement
(RRC connection re-establishment), E-Cell
ID, Lower power class PC6 (14dBm), two
HARQ processes, Release Assistant,
Random access on Non-Anchor Carrier
3GPP Release 13 LTE Cat M1 and NB1
3GPP Release 14 LTE Cat M1: Coverage
Enhancement Mode B, Uplink TBS of 2984b
3GPP Release 14 LTE Cat NB2: Higher data
rate (TBS of 2536b), Mobility enhancement
(RRC connection re-establishment), E-Cell
ID, Lower power class PC6 (14dBm), two
HARQ processes, Release Assistant,
Random access on Non-Anchor Carrier
Cellular Radio Access Technology
LTE Cat M1 Half-Duplex
LTE Cat NB2 Half-Duplex
LTE Cat M1 Half-Duplex
LTE Cat NB2 Half-Duplex
Cellular operating bands
LTE FDD band 1 (2100 MHz)
LTE FDD band 2 (1900 MHz)
LTE FDD band 3 (1800 MHz)
LTE FDD band 4 (1700 MHz)
LTE FDD band 5 (850 MHz)
LTE FDD band 8 (900 MHz)
LTE FDD band 12 (700 MHz)
LTE FDD band 13 (750 MHz)
LTE FDD band 18 (850 MHz)
LTE FDD band 19 (850 MHz)
LTE FDD band 20 (800 MHz)
LTE FDD band 25 (1900 MHz) 1
LTE FDD band 26 (850 MHz)
LTE FDD band 28 (700 MHz)
LTE FDD band 66 (1700 MHz) 2
LTE FDD band 71 (600 MHz) 2
LTE FDD band 85 (700 MHz) 2
LTE FDD band 1 (2100 MHz)
LTE FDD band 2 (1900 MHz)
LTE FDD band 3 (1800 MHz)
LTE FDD band 4 (1700 MHz)
LTE FDD band 5 (850 MHz)
LTE FDD band 8 (900 MHz)
LTE FDD band 12 (700 MHz)
LTE FDD band 13 (750 MHz)
LTE FDD band 18 (850 MHz)
LTE FDD band 19 (850 MHz)
LTE FDD band 20 (800 MHz)
LTE FDD band 25 (1900 MHz) 1
LTE FDD band 26 (850 MHz)
LTE FDD band 28 (700 MHz)
LTE FDD band 66 (1700 MHz) 2
LTE FDD band 71 (600 MHz) 2
LTE FDD band 85 (700 MHz) 2
Cellular power class
LTE power class 3 (23 dBm)
LTE power class 3 (23 dBm)
Cellular data rate
LTE category M1:
up to 1200 kbit/s UL
up to 375 kbit/s DL
LTE category NB2:
up to 140 kbit/s UL
up to 125 kbit/s DL
LTE category M1:
up to 1200 kbit/s UL
up to 375 kbit/s DL
LTE category NB2:
up to 140 kbit/s UL
up to 125 kbit/s DL
GNSS receiver type
-
72-channel u-blox M8 engine
GPS L1C/A, SBAS L1C/A, QZSS L1C/A,
QZSS L1-SAIF, GLONASS L10F, BeiDou B1I,
Galileo E1B/C
Table 2: SARA-R5 series cellular and GNSS main characteristics
The “00” products version of the SARA-R5 series modules do not support LTE NB-IoT.
1 Not supported in LTE category NB2
2 Not supported in LTE category M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com