Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R500S Datasheet(PDF) 16 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 16 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 12Page - u-blox AG SARA-R500S Datasheet HTML 13Page - u-blox AG SARA-R500S Datasheet HTML 14Page - u-blox AG SARA-R500S Datasheet HTML 15Page - u-blox AG SARA-R500S Datasheet HTML 16Page - u-blox AG SARA-R500S Datasheet HTML 17Page - u-blox AG SARA-R500S Datasheet HTML 18Page - u-blox AG SARA-R500S Datasheet HTML 19Page - u-blox AG SARA-R500S Datasheet HTML 20Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Interfaces
Page 16 of 43
C1-Public
2.5.1.1
Multiplexer protocol
SARA-R5 series modules include multiplexer functionality as per 3GPP TS 27.010 [6] on the UART
interfaces physical link. This is a data link protocol which uses HDLC-like framing and operates
between the module (DCE) and the application processor (DTE), allowing a number of simultaneous
sessions over the physical link (UART).
When USIO variant 0 or 1 is set, the following virtual channels are defined:
Channel 0: control channel
Channel 1 – 3: AT commands / data communication
Channel 4: GNSS tunneling
When USIO variant 2 is set, AT commands and data communication are available on the second
auxiliary UART, and the following virtual channels are defined on the primary UART:
Channel 0: control channel
Channel 1 – 2: AT commands / data communication
Channel 3: GNSS tunneling
When USIO variant 3 is set, diagnostic trace log is available on the second auxiliary UART, and the
following virtual channels are defined on the primary UART:
Channel 0: control channel
Channel 1 – 3: AT commands / data communication
Channel 4: GNSS tunneling
When USIO variant 4 is set, GNSS tunneling is available on the second auxiliary UART, and the
following virtual channels are defined on the primary UART:
Channel 0: control channel
Channel 1 – 3: AT commands / data communication
2.5.2 USB interface
SARA-R5 series modules include a high-speed USB 2.0 compliant interface with a maximum
480 Mbit/s data rate according to the USB 2.0 specification [9]. The module itself acts as a USB device
and can be connected to any USB host equipped with compatible drivers.
The USB interface is available for diagnostic purpose only.
The USB_D+ / USB_D- lines carry the USB data and signaling, while the VUSB_DET pin represents the
input to enable the USB interface by applying an external valid USB VBUS voltage (5.0 V typical).
It is highly recommended to provide accessible test points directly connected to the USB interface
pins (VUSB_DET, USB_D+, USB_D-) for diagnostic purpose.
2.5.3 SPI interfaces
The SPI interfaces are not supported by the “00” products version of SARA-R5 series modules,
except for diagnostic purpose.
SARA-R5 series modules include 1.8V Serial Peripheral Interfaces available for communications with
external SPI slave devices, or with the module acting as SPI master, for diagnostic purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com