Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R500S Datasheet(PDF) 23 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 23 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 19Page - u-blox AG SARA-R500S Datasheet HTML 20Page - u-blox AG SARA-R500S Datasheet HTML 21Page - u-blox AG SARA-R500S Datasheet HTML 22Page - u-blox AG SARA-R500S Datasheet HTML 23Page - u-blox AG SARA-R500S Datasheet HTML 24Page - u-blox AG SARA-R500S Datasheet HTML 25Page - u-blox AG SARA-R500S Datasheet HTML 26Page - u-blox AG SARA-R500S Datasheet HTML 27Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Pin definition
Page 23 of 43
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
50
GND
-
N/A
Ground
All the GND pins must be connected to ground.
51
VCC
-
I
Module supply input
All VCC pins must be connected to external supply.
See section 2.1.1 for functional description.
See section 4.2.2 for detailed electrical specs.
52
VCC
-
I
Module supply input
All VCC pins must be connected to external supply.
See section 2.1.1 for functional description.
See section 4.2.2 for detailed electrical specs.
53
VCC
-
I
Module supply input
All VCC pins must be connected to external supply.
See section 2.1.1 for functional description.
See section 4.2.2 for detailed electrical specs.
54
GND
-
N/A
Ground
All the GND pins must be connected to ground.
55
GND
-
N/A
Ground
All the GND pins must be connected to ground.
56
ANT
-
I/O
Cellular antenna
RF input/output for Cellular Rx/Tx antenna.
50  nominal impedance.
See section 2.2.1 and 4.2.5 for details.
57
GND
-
N/A
Ground
All the GND pins must be connected to ground.
58
GND
-
N/A
Ground
All the GND pins must be connected to ground.
59
GND
-
N/A
Ground
All the GND pins must be connected to ground.
60
GND
-
N/A
Ground
All the GND pins must be connected to ground.
61
GND
-
N/A
Ground
All the GND pins must be connected to ground.
62
ANT_DET
ADC
I
Antenna detection
Antenna presence detection function.
See section 2.2.3 for details.
63
GND
-
N/A
Ground
All the GND pins must be connected to ground.
64
GND
-
N/A
Ground
All the GND pins must be connected to ground.
65-96
GND
-
N/A
Ground
All the GND pins must be connected to ground.
Table 5: SARA-R5 series pin-out
For more information about the pin-out, see the u-blox SARA-R5 series system integration
manual [2].
See Appendix A for an explanation of the abbreviations and terms used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com