Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R500S Datasheet(PDF) 17 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 17 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 13Page - u-blox AG SARA-R500S Datasheet HTML 14Page - u-blox AG SARA-R500S Datasheet HTML 15Page - u-blox AG SARA-R500S Datasheet HTML 16Page - u-blox AG SARA-R500S Datasheet HTML 17Page - u-blox AG SARA-R500S Datasheet HTML 18Page - u-blox AG SARA-R500S Datasheet HTML 19Page - u-blox AG SARA-R500S Datasheet HTML 20Page - u-blox AG SARA-R500S Datasheet HTML 21Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Interfaces
Page 17 of 43
C1-Public
2.5.4 SDIO interface
The SDIO interface is not supported by the “00” products version of SARA-R5 series modules.
SARA-R5 series modules include a 1.8V 4-bit Secure Digital Input Output interface over the SDIO_D0,
SDIO_D1, SDIO_D2, SDIO_D3, SDIO_CLK and SDIO_CMD pins, with the module acting a an SDIO host,
available for communications with compatible external SDIO devices, and for diagnostic purpose.
Accessible test points directly connected to the SDIO_D0, SDIO_D1, SDIO_D2 and SDIO_D3 pins
may be provided for diagnostic purpose, alternatively to the highly recommended accessible test
points provided on the USB interface pins.
2.5.5 DDC (I2C) interface
Communication with an external GNSS receiver is not supported by SARA-R510M8S modules.
SARA-R5 series modules include a 1.8V I2C-bus compatible DDC interface over the SDA and SCL pins,
available to communicate with an external u-blox GNSS receiver and with external I2C devices as for
example an audio codec: the SARA-R5 series module acts as an I2C master that can communicate
with I2C slaves in accordance with the I2C bus specifications [10].
It is recommended to provide accessible test points directly connected to the SDA and SCL pins
for diagnostic purpose.
2.6 Audio
Audio is not supported by the “00” products version of SARA-R5 series modules.
SARA-R5 series modules include a 1.8V I2S digital audio interface over the I2S_TXD, I2S_RXD,
I2S_CLK and I2S_WA pins, available to transfer digital audio data with an external digital audio device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com