Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9352 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5I9352
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9352 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5I9352 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 2005
ASM5I9352
rev 0.2
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
3 of 12
Notice: The information in this document is subject to change without notice.
Pin Configuration
1
Pin
Name
I/O
Type
Description
6
REFCLK
I, PD
LVCMOS
Reference clock input
.
12, 14,
15, 18, 19
QA(0:4)
O
LVCMOS
Clock output bank A
.
22, 23,
26, 27
QB(0:3)
O
LVCMOS
Clock output bank B
.
30, 31
QC(0,1)
O
LVCMOS
Clock output bank C
.
8
FB_IN
I, PD
LVCMOS
Feedback clock input
. Connect to an output for normal operation.
This input should be at the same voltage rail as input reference
clock. See Table 1.
1
VCO_SEL
I, PD
LVCMOS
VCO divider select input
. See Table 2.
5
MR/OE#
I, PD
LVCMOS
Master reset/output enable/disable input
. See Table 2.
9
PLL_EN#
I, PD
LVCMOS
PLL enable/disable input
. See Table 2.
2, 3, 4
SEL(A:C)
I, PD
LVCMOS
Frequency select input, Bank (A:C)
. See Table 2.
16, 20
VDDQA
Supply
VDD
2.5V or 3.3V power supply for bank A output clocks
2,3.
21, 25
VDDQB
Supply
VDD
2.5V or 3.3V power supply for bank B output clocks
.
2,3
32
VDDQC
Supply
VDD
2.5V or 3.3V power supply for bank C output clocks
.
2,3
10
AVDD
Supply
VDD
2.5V or 3.3V power supply for PLL
.
2,3
11
VDD
Supply
VDD
2.5V or 3.3V power supply for core and inputs
.
2,3
7
AVSS
Supply
Ground
Analog ground
.
13, 17,
24, 28, 29
VSS
Supply
Ground
Common ground
.
Note: 1. PD = Internal pull-down.
2.A 0.1µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins
their high frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3.AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQB, VDDQC, and VDDQD output
supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com