Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9352 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5I9352
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9352 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5I9352 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2005
ASM5I9352
rev 0.2
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
Features
Output frequency range: 25MHz to 200MHz
Output frequency range: 16.67MHz to 200MHz
Input frequency range: 16.67MHz to 200MHz
2.5V or 3.3V operation
Split 2.5V/3.3V outputs
± 2% max Output duty cycle variation
11 Clock outputs: Drive up to 22 clock lines
LVCMOS reference clock input
125-pS max output-output skew
PLL bypass mode
Spread Aware
TM
Output enable/disable
Pin compatible with MPC9352 and MPC952
Industrial temperature range: –40°C to +85°C
32-Pin 1.0mm TQFP & LQFP Packages
Functional Description
The ASM5I9352 is a low voltage high performance
200MHz PLL-based zero delay buffer designed for high
speed clock distribution applications.
The ASM5I9352 features an LVCMOS reference clock
input and provides 11 outputs partitioned in 3 banks of 5, 4,
and 2 outputs. Bank A divides the VCO output by 4 or 6
while Bank B divides by 4 and 2 and Bank C divides by 2
and 4 per SEL(A:C) settings, see Table 2. These dividers
allow output to input ratios of 3:1, 2:1, 3:2, 1:1, 2:3, 1:2, and
1:3. Each LVCMOS compatible output can drive 50Ω series
or parallel terminated transmission lines. For series
terminated transmission lines, each output can drive one or
two traces giving the device an effective fanout of 1:22.
The PLL is ensured stable given that the VCO is configured
to run between 200 MHz to 500 MHz. This allows a wide
range of output frequencies from 16.67 MHz to 200 MHz.
For normal operation, the external feedback input, FB_IN,
is connected to one of the outputs. The internal VCO is
running at multiples of the input reference clock set by the
feedback divider, see Table 1.
When PLL_EN# is HIGH, PLL is bypassed and the
reference clock directly feeds the output dividers. This
mode is fully static and the minimum input clock frequency
specification does not apply.


Similar Part No. - ASM5I9352

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350-32-ET ALSC-ASM5I9350-32-ET Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350-32-LT ALSC-ASM5I9350-32-LT Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350G-32-ET ALSC-ASM5I9350G-32-ET Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9350G-32-LT ALSC-ASM5I9350G-32-LT Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
More results

Similar Description - ASM5I9352

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352 Datasheet
100Kb / 8P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_07 Datasheet
247Kb / 9P
2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com