Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9352 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5I9352
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9352 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5I9352 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
July 2005
ASM5I9352
rev 0.2
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
5 of 12
Notice: The information in this document is subject to change without notice.
DC Electrical Specifications (VDD = 2.5V ± 5%, TA = -40°C to +85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
VDD+ 0.3
V
VOL
Output Voltage, Low
1
IOL= 15 mA
0.6
V
VOH
Output Voltage, High
1
IOH= –15 mA
1.8
V
IIL
Input Current, Low
VIL= VSS
–10
µA
IIH
Input Current, High
2
VIL= VDD
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
3
5
mA
IDD
Dynamic Supply Current
170
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
17 – 20
Ω
Note:1.Driving one 50Ω parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50 Ω series terminated
transmission lines.
2.Inputs have pull-down resistors that affect the input current.
DC Electrical Specifications (VDD = 3.3V ± 5%, TA = -40°C to +85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
VDD + 0.3
V
IOL= 24 mA
0.55
VOL
Output Voltage, Low
1
IOL= 12 mA
0.30
V
VOH
Output Voltage, High
1
IOH= –24 mA
2.4
V
IIL
Input Current, Low
VIL= VSS
–10
µA
IIH
Input Current, High
2
VIL= VDD
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
3
5
mA
IDD
Dynamic Supply Current
240
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
14 – 17
Ω
Note:1.Driving one 50Ω parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50 Ω series terminated
transmission lines.
2.Inputs have pull-down resistors that affect the input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com